Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEC-2280P2-7A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEC-2280P2-7A
Description  Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-2280P2-7A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEC-2280P2-7A Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-2280P2-7A Datasheet HTML 2Page - List of Unclassifed Manufacturers LEC-2280P2-7A Datasheet HTML 3Page - List of Unclassifed Manufacturers LEC-2280P2-7A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
contact@lannerinc.com | www.lannerinc.com
Expandable PCI or PCIe slot
The product has additional
space for another PCI or PCIe
expansion. Allowing customers to
choose what type of expansion
slot they need. The main board
has a PCIe x16 port that via
standard riser cards can be turned
into a PCIe x1 or PCIe x8 port.
Multi I/O Expansion Layer
LEC-2280 has an unique Multi
I/O (MIO) Expansion Layer that
makes it easier to get the I/O
configuration you need. From
the main board there is also an
I/O connector that fits with a
plug-in I/O card which you can
customize by choosing from a
selection of ports you need -
Audio, DI/DO, Serial, USB, LAN,
and eSATA. There is also a drive
bay area with SATA connectors
for a 2.5” HDD or SSD. This
connection can also be used to
create an external CompactFlash
socket.
Dimensions 277x(67/89)x194mm[10.91”x(2.64/3.50)”x7.64”]


Similar Part No. - LEC-2280P2-7A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-2280P2-7A ETC2-LEC-2280P2-7A Datasheet
686Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
logo
Lanner All Rights Reser...
LEC-2280P2-7A LANNER-LEC-2280P2-7A Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
More results

Similar Description - LEC-2280P2-7A

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
LEC-2280 LANNER-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
logo
List of Unclassifed Man...
LEC-2280P2 ETC2-LEC-2280P2 Datasheet
686Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
LEC-2280E-7BN ETC2-LEC-2280E-7BN Datasheet
198Kb / 2P
   Fanless Industrial PC with 3rd Gen Intel짰 Core i7-3612QE CPU
logo
Advantech Co., Ltd.
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
ARK-3531 ADVANTECH-ARK-3531 Datasheet
885Kb / 2P
   Intel짰 9th Gen / Core??i3/i5/i7/i9 LGA1151 Fanless Box PC
22-Jan-2021
ARK-3510 ADVANTECH-ARK-3510_15 Datasheet
1Mb / 2P
   3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 x 2.5" Removable HDD Bays Fanless Box PC
logo
Lanner All Rights Reser...
LEC-2580 LANNER-LEC-2580 Datasheet
338Kb / 2P
   High-performance Box PC with Intel짰 6th Gen Skylake Core??i7/i5/i3 CPU
logo
Protech Systems Co., Lt...
SP-6205 PROTECHSYSTEMS-SP-6205 Datasheet
557Kb / 2P
   Intel짰 Core??3rd Gen. mobile i3/i5/i7 (rPGA-988)processor
logo
Advantech Co., Ltd.
ARK-3500 ADVANTECH-ARK-3500_V01 Datasheet
1Mb / 2P
   3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 Expansion slots and wide range power Fanless Box PC
16-Nov-2016
ARK-3500 ADVANTECH-ARK-3500_15 Datasheet
1,004Kb / 2P
   3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 Expansion slots and wide range power Fanless Box PC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com