Electronic Components Datasheet Search |
|
LEC-2270P2-5A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
LEC-2270P2-5A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page connect@lannerinc.com Last Updated: www.lannerinc.com Specifications are subject to change without notice LEC-2270 Fanless IPC w/ 2nd Gen Intel Core i5/i7/Celeron CPU Features Intel HM65 Chipset Compatible with Intel Celeron and core-i Mobile CPUs, this chipset offers support for high quality Intel graphics and other Intel technologies. DDR3 RAM This product uses DDR3 RAM. DDR3 RAM has a transfer rate twice as fast as it’s predecessor (DDR2), which enables higher bandwidth. Multi-Screen Support This platform comes with multiple video-out ports and can support separate video streams on dual displays. Integrated SIM card reader Integrated in one of the mini-PCIe slots, the SIM card reader, allows for users to enable 3G use for their IPC. Expandable PCI or PCIe slot The product has additional space for another PCI or PCIe expansion. Allowing customers to choose what type of expansion slot they need. Fanless The lifespan of this IPC is extended with the removal of the most easily damaged component, the fan. Wide voltage input range This product supports a wider range of voltage inputs, allows for easier onsite implementation by lessening the need for an external power supply. Intel Network Controllers The appliance uses top-of-the-line Intel NICs giving the customer the benefits of quality design and thorough engineering. SIM card readers allow for users to enable 3G use for their IPC. I/O Expansion Options Further customization comes from additional board to board design. Multiple I/O signals on the motherboard are reserved for this use. Terminal block connections This product features serial ports utilize terminal blocks for its I/O ports. Terminal blocks can receive a multitude a different kind of wiring making these ports adapable for different environments. Screw-locked power plug This power plug is made to screw directly into the appliance chassis, allowing secure power connection in even the harshest of settings. Dimensions 277x(67/89)x194mm [10.91”x(2.64/3.50)”x7.64”] USB x4 COM x2 HD Audio DC In DVI-D VGA Expansion USB x 2 LAN x 2 Reset HDMI 7-Dec-2012 |
Similar Part No. - LEC-2270P2-5A |
|
Similar Description - LEC-2270P2-5A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |