Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTD36N03L-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTD36N03L-TA3-T
Description  N-CHANNEL ENHANCEMENT MODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD36N03L-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  UTD36N03L-TA3-T Datasheet HTML 1Page - Unisonic Technologies UTD36N03L-TA3-T Datasheet HTML 2Page - Unisonic Technologies UTD36N03L-TA3-T Datasheet HTML 3Page - Unisonic Technologies UTD36N03L-TA3-T Datasheet HTML 4Page - Unisonic Technologies UTD36N03L-TA3-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTD36N03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-179.B
ABSOLUTE MAXIMUM RATINGS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
43.4
A
Pulsed Drain Current (Note 1)
IDM
173.6
A
Power Dissipation
TO-220
PD
1.9
W
TO-252
1.6
W
Junction Temperature
TJ
+175
°С
Storage Temperature
TSTG
-55 ~ +175
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction-to-Ambient
TO-220
θJA
62.5
°С/W
TO-252
75
°С/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0V, ID =250 µA
30
V
Drain-Source Leakage Current
IDSS
VDS =24V, VGS =0V
0.05
1
µA
Gate-Source Leakage Current
IGSS
VGS = ±20V, VGS =0V
10
100
nA
ON CHARACTERISTICS
Gate-Threshold Voltage
VGS(TH)
VDS=VGS, ID=250 µA
1
1.5
2
V
Drain-Source On-State Resistance
RDS(ON)
VGS =4.5V, ID =12A
18
22
mΩ
VGS=10 V, ID =25 A
14
17
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS =25 V, VGS =0V, f=1.0MHz
690
pF
Output Capacitance
COSS
160
Reverse Transfer Capacitance
CRSS
110
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
VDS =15 V, VGS =10V,
RG =10Ω, RL =0.6 Ω
6
ns
Turn-ON Rise Time
tR
10
Turn-OFF Delay Time
tD(OFF)
33
Turn-OFF Fall-Time
tF
19
Total Gate Charge
QG
VDS =15V,VGS =10V,ID =36 A
18.5
nC
Gate-Source Charge
QGS
4.2
Gate-Drain Charge
QGD
2.9
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=25A, VGS=0V
0.97
1.2
V
Maximum Continuous Drain-Source
Diode Forward Current
IS
43.4
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
173.6
Reverse Recovery Time
tRR
VR=15V,IF=IS, dIF/dt=100A/μs
15
18
ns
Reverse Recovery Charge
QRR
2
3
nC
Notes: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300us, duty cycle ≤2%.


Similar Part No. - UTD36N03L-TA3-T

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UTD36N03L-TA3-T DOINGTER-UTD36N03L-TA3-T Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UTD36N03L-TA3-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com