Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT100N03G-TQ2-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UT100N03G-TQ2-T
Description  N-CHANNEL MOSFET ARRAY FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT100N03G-TQ2-T Datasheet(HTML) 8 Page - Unisonic Technologies

  UT100N03G-TQ2-T Datasheet HTML 1Page - Unisonic Technologies UT100N03G-TQ2-T Datasheet HTML 2Page - Unisonic Technologies UT100N03G-TQ2-T Datasheet HTML 3Page - Unisonic Technologies UT100N03G-TQ2-T Datasheet HTML 4Page - Unisonic Technologies UT100N03G-TQ2-T Datasheet HTML 5Page - Unisonic Technologies UT100N03G-TQ2-T Datasheet HTML 6Page - Unisonic Technologies UT100N03G-TQ2-T Datasheet HTML 7Page - Unisonic Technologies UT100N03G-TQ2-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
UT100N03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R502-193.H
TYPICAL CHARACTERISTICS(Cont.)
100
10-1
10-2
10-5
10-4
10-3
10-2
10-1
100
101
PDM
t1
t2
Square Wave Pulse Duration (sec)
Normalized Thermal Transient Impedanc Curve
D=0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse
1.RθJC(t)=r(t)*RθJC
2.RθJC=See Datasheet
3.TJM-TC=P*RθJC(t)
4.Duty Cycle,D=t1/t2
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UT100N03G-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT100N03G-TQ2-T UTC-UT100N03G-TQ2-T Datasheet
275Kb / 5P
   100A, 30V N-CHANNEL POWER MOSFET
UT100N03G-TQ2-T UTC-UT100N03G-TQ2-T Datasheet
302Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - UT100N03G-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF3205 UTC-UF3205_15 Datasheet
206Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N65 UTC-10N65_15 Datasheet
396Kb / 9P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
1N40 UTC-1N40_15 Datasheet
173Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
6N40 UTC-6N40_15 Datasheet
189Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UP672 UTC-UP672 Datasheet
162Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
2N70Z UTC-2N70Z_15 Datasheet
260Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N70 UTC-10N70_15 Datasheet
243Kb / 7P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N15 UTC-10N15_15 Datasheet
221Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF830 UTC-UF830_15 Datasheet
321Kb / 9P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF2N30Z UTC-UF2N30Z_15 Datasheet
208Kb / 3P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com