Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12N65G-T3P-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 12N65G-T3P-T
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N65G-T3P-T Datasheet(HTML) 6 Page - Unisonic Technologies

  12N65G-T3P-T Datasheet HTML 1Page - Unisonic Technologies 12N65G-T3P-T Datasheet HTML 2Page - Unisonic Technologies 12N65G-T3P-T Datasheet HTML 3Page - Unisonic Technologies 12N65G-T3P-T Datasheet HTML 4Page - Unisonic Technologies 12N65G-T3P-T Datasheet HTML 5Page - Unisonic Technologies 12N65G-T3P-T Datasheet HTML 6Page - Unisonic Technologies 12N65G-T3P-T Datasheet HTML 7Page - Unisonic Technologies 12N65G-T3P-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
12N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-583.C
TEST CIRCUITS AND WAVEFORMS (Cont.)
Switching Test Circuit
Switching Waveforms
Gate Charge Test Circuit
Gate Charge Waveform
D.U.T.
RD
10V
VDS
L
VDD
tp
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms


Similar Part No. - 12N65G-T3P-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N65G-T2Q-T UTC-12N65G-T2Q-T Datasheet
374Kb / 7P
   12A, 650V N-CHANNEL POWER MOSFET
12N65G-TA3-T UTC-12N65G-TA3-T Datasheet
374Kb / 7P
   12A, 650V N-CHANNEL POWER MOSFET
12N65G-TF1-T UTC-12N65G-TF1-T Datasheet
374Kb / 7P
   12A, 650V N-CHANNEL POWER MOSFET
12N65G-TF3-T UTC-12N65G-TF3-T Datasheet
374Kb / 7P
   12A, 650V N-CHANNEL POWER MOSFET
More results

Similar Description - 12N65G-T3P-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
19N10 UTC-19N10_15 Datasheet
333Kb / 8P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB180N04S4L-01 INFINEON-IPB180N04S4L-01 Datasheet
218Kb / 9P
   N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-06-03
logo
Unisonic Technologies
80N08 UTC-80N08_15 Datasheet
204Kb / 4P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB160N04S4L-H1 INFINEON-IPB160N04S4L-H1 Datasheet
206Kb / 9P
   N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-05-27
logo
Unisonic Technologies
UF740 UTC-UF740_15 Datasheet
240Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UT60N03 UTC-UT60N03_15 Datasheet
247Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UTT30N10 UTC-UTT30N10_15 Datasheet
246Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
25N40 UTC-25N40_15 Datasheet
177Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
BSS138 UTC-BSS138_15 Datasheet
197Kb / 4P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
8N65K-MT UTC-8N65K-MT Datasheet
192Kb / 6P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com