Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8N65L-TF1-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 8N65L-TF1-T
Description  N-CHANNEL SILICON MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8N65L-TF1-T Datasheet(HTML) 8 Page - Unisonic Technologies

  8N65L-TF1-T Datasheet HTML 1Page - Unisonic Technologies 8N65L-TF1-T Datasheet HTML 2Page - Unisonic Technologies 8N65L-TF1-T Datasheet HTML 3Page - Unisonic Technologies 8N65L-TF1-T Datasheet HTML 4Page - Unisonic Technologies 8N65L-TF1-T Datasheet HTML 5Page - Unisonic Technologies 8N65L-TF1-T Datasheet HTML 6Page - Unisonic Technologies 8N65L-TF1-T Datasheet HTML 7Page - Unisonic Technologies 8N65L-TF1-T Datasheet HTML 8Page - Unisonic Technologies 8N65L-TF1-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-591.D
TYPICAL CHARACTERISTICS(Cont.)
-100
Junction Temperature, TJ (°C)
-50
50
200
100
150
1.2
0
1.1
1.0
0.9
0.8
Note:
1. VGS=0V
2. ID=250µA
Breakdown Voltage Variation vs.
Temperature
-100
Junction Temperature, TJ (°C)
-50
50
200
100
150
3.0
0
2.0
1.0
0.5
0.0
1.5
2.5
On-Resistance Junction Temperature
Note:
1. VGS=10V
2. ID=4A
10
1
0.1
Drain-Source Voltage, VDS (V)
100
10
1
100µs
1000
10ms
DC
Maximum Safe Operating Area
Case Temperature, TC (°C)
75
100
0
125
50
25
2
4
6
8
10
Maximum Drain Current vs. Case
Temperature
Notes:
1. TJ=25°C
2. TJ=150°C
3. Single Pulse
150
Operation in This Area is Limited by RDS(on)
100
1ms
10µs
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
Square Wave Pulse Duration, t1 (sec)
Transient Thermal Response Curve
Notes:
1. θJC (t) = 0.85°C/W Max.
2. Duty Factor, D=t1/t2
3. TJM-TC=PDM×θJC (t)
D=0.5
D=0.2
D=0.1
D=0.05
0.02
0.01
Single pulse


Similar Part No. - 8N65L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N65L-TF1-T UTC-8N65L-TF1-T Datasheet
225Kb / 8P
   8A, 650V N-CHANNEL POWER MOSFET
More results

Similar Description - 8N65L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com