Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10N70L-TF1-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 10N70L-TF1-T
Description  N-CHANNEL MOSFET ARRAY FOR SWITCHING
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N70L-TF1-T Datasheet(HTML) 6 Page - Unisonic Technologies

  10N70L-TF1-T Datasheet HTML 1Page - Unisonic Technologies 10N70L-TF1-T Datasheet HTML 2Page - Unisonic Technologies 10N70L-TF1-T Datasheet HTML 3Page - Unisonic Technologies 10N70L-TF1-T Datasheet HTML 4Page - Unisonic Technologies 10N70L-TF1-T Datasheet HTML 5Page - Unisonic Technologies 10N70L-TF1-T Datasheet HTML 6Page - Unisonic Technologies 10N70L-TF1-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
10N70
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-572.F
TEST CIRCUITS AND WAVEFORMS (Cont.)
Switching Test Circuit
Switching Waveforms
Gate Charge Test Circuit
Gate Charge Waveform
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms


Similar Part No. - 10N70L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N70L-TF1-T UTC-10N70L-TF1-T Datasheet
196Kb / 6P
   10A, 700V N-CHANNEL POWER MOSFET
10N70L-TF1-T UTC-10N70L-TF1-T Datasheet
207Kb / 6P
   N-CHANNEL POWER MOSFE
More results

Similar Description - 10N70L-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF3205 UTC-UF3205_15 Datasheet
206Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N65 UTC-10N65_15 Datasheet
396Kb / 9P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
1N40 UTC-1N40_15 Datasheet
173Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
6N40 UTC-6N40_15 Datasheet
189Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UP672 UTC-UP672 Datasheet
162Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
2N70Z UTC-2N70Z_15 Datasheet
260Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UT100N03 UTC-UT100N03_15 Datasheet
364Kb / 8P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N15 UTC-10N15_15 Datasheet
221Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF830 UTC-UF830_15 Datasheet
321Kb / 9P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF2N30Z UTC-UF2N30Z_15 Datasheet
208Kb / 3P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com