Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8N65G-TF3T-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 8N65G-TF3T-T
Description  N-CHANNEL SILICON MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8N65G-TF3T-T Datasheet(HTML) 1 Page - Unisonic Technologies

  8N65G-TF3T-T Datasheet HTML 1Page - Unisonic Technologies 8N65G-TF3T-T Datasheet HTML 2Page - Unisonic Technologies 8N65G-TF3T-T Datasheet HTML 3Page - Unisonic Technologies 8N65G-TF3T-T Datasheet HTML 4Page - Unisonic Technologies 8N65G-TF3T-T Datasheet HTML 5Page - Unisonic Technologies 8N65G-TF3T-T Datasheet HTML 6Page - Unisonic Technologies 8N65G-TF3T-T Datasheet HTML 7Page - Unisonic Technologies 8N65G-TF3T-T Datasheet HTML 8Page - Unisonic Technologies 8N65G-TF3T-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
8N65
Power MOSFET
www.unisonic.com.tw
1 of 9
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-591.D
8A, 650V
N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 8N65 is a high voltage and high current power
MOSFET designed to have better characteristics, such as fast
switching time, low gate charge, low on-state resistance and high
rugged avalanche characteristics. This power MOSFET is usually
used in high speed switching applications at power supplies, PWM
motor controls, high efficient DC to DC converters and bridge
circuits.
FEATURES
* RDS(ON) < 1.4Ω@VGS = 10 V
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
8N65L-TA3-T
8N65G-TA3-T
TO-220
G
D
S
Tube
8N65L-TF3-T
8N65G-TF3-T
TO-220F
G
D
S
Tube
8N65L-TF1-T
8N65G-TF1-T
TO-220F1
G
D
S
Tube
8N65L-TF3T-T
8N65G-TF3T-T
TO-220F3
G
D
S
Tube
8N65L-T2Q-T
8N65G-T2Q-T
TO-262
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 8N65G-TF3T-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N65G-TF3-T UTC-8N65G-TF3-T Datasheet
225Kb / 8P
   8A, 650V N-CHANNEL POWER MOSFET
More results

Similar Description - 8N65G-TF3T-T

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com