Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10N65 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 10N65
Description  N-CHANNEL MOSFET ARRAY FOR SWITCHING
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N65 Datasheet(HTML) 8 Page - Unisonic Technologies

  10N65_15 Datasheet HTML 1Page - Unisonic Technologies 10N65_15 Datasheet HTML 2Page - Unisonic Technologies 10N65_15 Datasheet HTML 3Page - Unisonic Technologies 10N65_15 Datasheet HTML 4Page - Unisonic Technologies 10N65_15 Datasheet HTML 5Page - Unisonic Technologies 10N65_15 Datasheet HTML 6Page - Unisonic Technologies 10N65_15 Datasheet HTML 7Page - Unisonic Technologies 10N65_15 Datasheet HTML 8Page - Unisonic Technologies 10N65_15 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
10N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-588.G
TYPICAL CHARACTERISTICS(Cont.)
10-1
100
101
102
100
101
102
103
Drain-Source Voltage, VDS (V)
Maximum Safe Operating Area
10μs
100μs
1ms
10ms
100ms
DC
Notes:
1.TC=25℃
2.TJ=150℃
3.Single Pulse
Operation in this Area is United by RDM
10
8
6
4
2
0
50
25
75
100
125
150
Case Temperature, TC (℃)
Maximum Drain Current vs. Case Temperature


Similar Part No. - 10N65_15

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
10N65-220F ISC-10N65-220F Datasheet
281Kb / 2P
   N-Channel Mosfet Transistor
logo
Unisonic Technologies
10N65-C UTC-10N65-C Datasheet
216Kb / 6P
   N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
logo
DONGGUAN YOU FENG WEI E...
10N65A YFWDIODE-10N65A Datasheet
984Kb / 6P
   10A 650V N-channel enhancement mode field effect transistor
logo
Chongqing Pingwei Enter...
10N65B CHONGQING-10N65B Datasheet
193Kb / 2P
   F10A mps,650 Volts N-CHANNEL MOSFET
logo
DONGGUAN YOU FENG WEI E...
10N65B YFWDIODE-10N65B Datasheet
985Kb / 6P
   10A 650V N-channel enhancement mode field effect transistor
More results

Similar Description - 10N65_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF3205 UTC-UF3205_15 Datasheet
206Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
1N40 UTC-1N40_15 Datasheet
173Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
6N40 UTC-6N40_15 Datasheet
189Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UP672 UTC-UP672 Datasheet
162Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
2N70Z UTC-2N70Z_15 Datasheet
260Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N70 UTC-10N70_15 Datasheet
243Kb / 7P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UT100N03 UTC-UT100N03_15 Datasheet
364Kb / 8P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N15 UTC-10N15_15 Datasheet
221Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF830 UTC-UF830_15 Datasheet
321Kb / 9P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF2N30Z UTC-UF2N30Z_15 Datasheet
208Kb / 3P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com