Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0783210001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0783210001
Description  1.00mm Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole, with Beveled Metal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0783210001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0783210001 Datasheet HTML 1Page - Molex Electronics Ltd. 0783210001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/30/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0783210001
Status:
Active
Overview:
DDR3 DIMM Sockets
Description:
1.00mm Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole, with Beveled Metal
Pins, Black Housing and Latches, 0.38µm Gold (Au) Plating, 2.67mm Solder Tail
Length, 1.57mm PCB Thickness, 240 Circuits, Lead-Free
Documents:
3D Model
Product Specification PS-78321-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Memory Module Sockets
Series
78321
Component Type
Socket
Electrical Model
Yes
JEDEC Outline
MO-269
Overview
DDR3 DIMM Sockets
Product Name
DDR3 DIMM
UPC
883906756536
Physical
Circuits (Loaded)
240
Circuits (maximum)
240
Color - Resin
Black
Durability (mating cycles max)
25
Entry Angle
Vertical
Flammability
94V-0
Function Key
None
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
9.168/g
PC Tail Length
2.67mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.57mm
Packaging Type
Tray
Pitch - Mating Interface
1.00mm
Pitch - Termination Interface
1.00mm
Plating min - Mating
0.381µm
Plating min - Termination
2.540µm
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1.0A
Voltage - Maximum
30V AC (RMS)/DC
Voltage Key
Center
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Contains SVHC(2015
June 15): No
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
Search Parts in this Series
78321 Series
Mates With
JEDEC Standard 1.27mm Modules


Similar Part No. - 0783210001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0783210001 MOLEX9-0783210001 Datasheet
718Kb / 9P
   1.00mm (.039") Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole, with Beveled Metal Pins
More results

Similar Description - 0783210001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0783210012 MOLEX11-0783210012 Datasheet
31Kb / 2P
   1.00mm Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole, with Beveled Metal Pins
0783210163 MOLEX11-0783210163 Datasheet
31Kb / 2P
   1.00mm Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole, with Beveled Metal Pins
0783210001 MOLEX9-0783210001 Datasheet
718Kb / 9P
   1.00mm (.039") Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole, with Beveled Metal Pins
0783210006 MOLEX9-0783210006 Datasheet
719Kb / 9P
   1.00mm (.039") Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole, with Beveled Metal Pins
0783210153 MOLEX9-0783210153 Datasheet
718Kb / 9P
   1.00mm (.039") Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole, with Beveled Metal Pins
0783210151 MOLEX9-0783210151 Datasheet
719Kb / 9P
   1.00mm (.039") Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole, with Beveled Metal Pins
0783210006 MOLEX11-0783210006 Datasheet
31Kb / 2P
   1.00mm Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole
0783210153 MOLEX11-0783210153 Datasheet
31Kb / 2P
   1.00mm Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole
0780790001 MOLEX9-0780790001 Datasheet
820Kb / 10P
   1.00mm (.039") Pitch DDR3 DIMM Socket, Vertical, Through Hole, with Beveled Metal Pins
0780790201 MOLEX9-0780790201 Datasheet
820Kb / 10P
   1.00mm (.039") Pitch DDR3 DIMM Socket, Vertical, Through Hole, with Beveled Metal Pins
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com