Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPA60R800CE Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPA60R800CE
Description  600V CoolMOS™ CE Power Transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA60R800CE Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPA60R800CE Datasheet HTML 3Page - Infineon Technologies AG IPA60R800CE Datasheet HTML 4Page - Infineon Technologies AG IPA60R800CE Datasheet HTML 5Page - Infineon Technologies AG IPA60R800CE Datasheet HTML 6Page - Infineon Technologies AG IPA60R800CE Datasheet HTML 7Page - Infineon Technologies AG IPA60R800CE Datasheet HTML 8Page - Infineon Technologies AG IPA60R800CE Datasheet HTML 9Page - Infineon Technologies AG IPA60R800CE Datasheet HTML 10Page - Infineon Technologies AG IPA60R800CE Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
600VCoolMOS™CEPowerTransistor
IPD60R800CE,IPA60R800CE
Rev.2.0,2014-09-25
Final Data Sheet
Table8Reversediodecharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Diode forward voltage
VSD
-
0.9
-
V
VGS=0V,IF=2.5A,Tj=25°C
Reverse recovery time
trr
-
250
-
ns
VR=400V,IF=2.5A,diF/dt=100A/µs;
see table 9
Reverse recovery charge
Qrr
-
1.8
-
µC
VR=400V,IF=2.5A,diF/dt=100A/µs;
see table 9
Peak reverse recovery current
Irrm
-
16
-
A
VR=400V,IF=2.5A,diF/dt=100A/µs;
see table 9


Similar Part No. - IPA60R800CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R800CE INFINEON-IPA60R800CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA60R800CE INFINEON-IPA60R800CE Datasheet
1Mb / 16P
   600V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-08-08
logo
Inchange Semiconductor ...
IPA60R800CE ISC-IPA60R800CE Datasheet
270Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPA60R800CE INFINEON-IPA60R800CE_16 Datasheet
1Mb / 16P
   600V CoolMOS짧 CE Power Transistor
Rev.2.3,2016-08-08
More results

Similar Description - IPA60R800CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R460CE INFINEON-IPA60R460CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD60R1K0CE INFINEON-IPD60R1K0CE Datasheet
2Mb / 16P
   600V CoolMOS™ CE Power Transistor
Rev.2.0,2014-09-25
IPD60R2K1CE INFINEON-IPD60R2K1CE Datasheet
2Mb / 16P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD60R1K5CE INFINEON-IPD60R1K5CE Datasheet
2Mb / 16P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA60R400CE INFINEON-IPA60R400CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA60R650CE INFINEON-IPA60R650CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD60R800CE INFINEON-IPD60R800CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA60R1K0CE INFINEON-IPA60R1K0CE Datasheet
871Kb / 13P
   600V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-26
IPA60R1K5CE INFINEON-IPA60R1K5CE Datasheet
863Kb / 13P
   600V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-26
IPS65R1K0CE INFINEON-IPS65R1K0CE Datasheet
1Mb / 15P
   650V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com