Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD60R460CE Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPD60R460CE
Description  600V CoolMOS™ CE Power Transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD60R460CE Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPD60R460CE Datasheet HTML 6Page - Infineon Technologies AG IPD60R460CE Datasheet HTML 7Page - Infineon Technologies AG IPD60R460CE Datasheet HTML 8Page - Infineon Technologies AG IPD60R460CE Datasheet HTML 9Page - Infineon Technologies AG IPD60R460CE Datasheet HTML 10Page - Infineon Technologies AG IPD60R460CE Datasheet HTML 11Page - Infineon Technologies AG IPD60R460CE Datasheet HTML 12Page - Infineon Technologies AG IPD60R460CE Datasheet HTML 13Page - Infineon Technologies AG IPD60R460CE Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
600VCoolMOS™CEPowerTransistor
IPD60R460CE,IPA60R460CE
Rev.2.0,2014-09-25
Final Data Sheet
Diagram9:Typ.outputcharacteristics
VDS[V]
0
5
10
15
20
0
4
8
12
16
20
24
28
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=25°C;parameter:VGS
Diagram10:Typ.outputcharacteristics
VDS[V]
0
5
10
15
20
0
3
6
9
12
15
18
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=125°C;parameter:VGS
Diagram11:Typ.drain-sourceon-stateresistance
ID[A]
0
5
10
15
20
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
10 V
5 V
5.5 V
6 V
6.5 V
7 V
RDS(on)=f(ID);Tj=125°C;parameter:VGS
Diagram12:Drain-sourceon-stateresistance
Tj[°C]
-50
-25
0
25
50
75
100
125
150
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
98%
typ
RDS(on)=f(Tj);ID=3.4A;VGS=10V


Similar Part No. - IPD60R460CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD60R460CE INFINEON-IPD60R460CE Datasheet
1Mb / 16P
   600V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-08-08
logo
Inchange Semiconductor ...
IPD60R460CE ISC-IPD60R460CE Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPD60R460CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R800CE INFINEON-IPA60R800CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD60R1K0CE INFINEON-IPD60R1K0CE Datasheet
2Mb / 16P
   600V CoolMOS™ CE Power Transistor
Rev.2.0,2014-09-25
IPD60R2K1CE INFINEON-IPD60R2K1CE Datasheet
2Mb / 16P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD60R1K5CE INFINEON-IPD60R1K5CE Datasheet
2Mb / 16P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA60R400CE INFINEON-IPA60R400CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA60R650CE INFINEON-IPA60R650CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPD60R800CE INFINEON-IPD60R800CE Datasheet
1Mb / 17P
   600V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
IPA60R1K0CE INFINEON-IPA60R1K0CE Datasheet
871Kb / 13P
   600V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-26
IPA60R1K5CE INFINEON-IPA60R1K5CE Datasheet
863Kb / 13P
   600V CoolMOS??CE Power Transistor
Rev.2.0,2016-02-26
IPS65R1K0CE INFINEON-IPS65R1K0CE Datasheet
1Mb / 15P
   650V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-09-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com