Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD170N Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # DD170N
Description  Industrial standard package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DD170N Datasheet(HTML) 1 Page - Infineon Technologies AG

  DD170N Datasheet HTML 1Page - Infineon Technologies AG DD170N Datasheet HTML 2Page - Infineon Technologies AG DD170N Datasheet HTML 3Page - Infineon Technologies AG DD170N Datasheet HTML 4Page - Infineon Technologies AG DD170N Datasheet HTML 5Page - Infineon Technologies AG DD170N Datasheet HTML 6Page - Infineon Technologies AG DD170N Datasheet HTML 7Page - Infineon Technologies AG DD170N Datasheet HTML 8Page - Infineon Technologies AG DD170N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Netz-Dioden-Modul
Rectifier Diode Module
Technische Information /
technical information
DD170N16S
Date of Publication 2014-08-15
Revision 3.1
Seite/page: 1/10
Key Parameters
VDRM / VRRM
1600 V
IFAVM
170 A (TC=100 °C)
3570A (TC=55°C)
IFSM
6600 A
VT0
0,75 V
rT
1,05
mΩ
RthJC
0,18 K/W
Base plate
34 mm
Weight
165 g
For type designation please refer to actual
short form catalog
http://www.ifbip.com/catalog
Merkmale
Features
 Löt-Bond Technologie
 Solder-Bond Technology
 Industrie-Standard-Gehäuse
 Industrial standard package
 Elektrisch isolierte Bodenplatte
 Electrically insulated base plate
Typische Anwendungen
Typical Applications
 Gleichrichter für Antriebsapplikationen
 Rectifier for drives applications
 Gleichrichter für UPS
 Rectifiers for UPS
 Batterieladegleichrichter
 Battery chargers
content of customer DMX code
DMX code
DMX code
digit
digit quantity
type designation
1..18
18
serial number
19..23
5
internal production order number
24..31
8
material number
32..41
10
date code (YY/WW)
42..45
4
add on for date code
46
1
www.ifbip.com
support@infineon-bip.com
1
2
3


Similar Part No. - DD170N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD170N36K INFINEON-DD170N36K Datasheet
421Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2021-08-24 Revision 3.1
More results

Similar Description - DD170N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSKL300 VISHAY-VS-VSKL300 Datasheet
225Kb / 8P
   Industrial standard package
Revision: 11-Apr-14
logo
Infineon Technologies A...
TT175N INFINEON-TT175N Datasheet
428Kb / 11P
   Industrial standard package
2014-11-12 Revision: 3.2
logo
Vishay Siliconix
VS-VSKU105 VISHAY-VS-VSKU105 Datasheet
269Kb / 9P
   Industrial standard package
Revision: 24-Mar-14
VS-VSKU91 VISHAY-VS-VSKU91 Datasheet
280Kb / 9P
   Industrial standard package
Revision: 24-Mar-14
VS-VSKT91 VISHAY-VS-VSKT91 Datasheet
340Kb / 9P
   Industrial standard package
Revision: 24-Mar-14
VS-VSKT105 VISHAY-VS-VSKT105 Datasheet
316Kb / 9P
   Industrial standard package
Revision: 21-Mar-14
VS-VSKT152 VISHAY-VS-VSKT152 Datasheet
216Kb / 9P
   Industrial standard package
Revision: 11-Apr-14
VS-VSKU41 VISHAY-VS-VSKU41 Datasheet
414Kb / 11P
   Industrial standard package
Revision: 24-Mar-14
VS-VSKU71 VISHAY-VS-VSKU71 Datasheet
274Kb / 9P
   Industrial standard package
Revision: 24-Mar-14
logo
Infineon Technologies A...
TT60N INFINEON-TT60N Datasheet
427Kb / 11P
   Industrial standard package
2014-08-15 Revision: 3.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com