Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

233-104-07 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 233-104-07
Description  Jam Nut Mount Environmental Bulkhead Feed-Thru
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

233-104-07 Datasheet(HTML) 1 Page - Glenair, Inc.

  233-104-07 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2010 Glenair, Inc.
E-Mail: sales@glenair.com
F-12
F
APPLICATION NOTES
1.
Assembly identified with manufacturer’s name and P/N, space permitting.
2.
For pin/pin and skt/skt, symmetrical layout only. Consult factory fior
available insert arrangements.
3.
Power to a given contact on one end will result in power to contact directlly
opposite, regardless of identification letter.
4.
Electrical safety limits must be established by user. Peak voltage, switching
surge, transient, etc., should be used to determine the safety application.
5.
Material/finish:
Shell, lock ring—Al alloy, see Table II
Contacts—Copper alloy/gold plate
Insulators—High grade rigid dielectric/N.A.
Seals—Silicone/N.A.
6.
Metric Dimensions (mm) are indicated in parentheses.
233-104-07
Jam Nut Mount Environmental Bulkhead Feed-Thru
MIL-DTL-38999 Series III Type
Connector Series
233 - D38999 Series III Type
Shell Size
09
11
13
15
17
19
21
23
25
233 - 104 - 07 M 11 - 35 P N - 01
Shell Style
07 - Jam Nut Mount
Connector Type
104 - Env. Bulkhead Feed-Thru
Alternate Key
Position
A, B, C, D, E
(N = Normal)
Panel Accomodation
01 - .0625″ (Min) .125″ (Max)
02 - .0625″ (Min) .250″ (Max)
03 - .0625″ (Min) .500″ (Max)
Connector Material and Finish
M - Aluminum / Electroless Nickel
NC - Aluminum / Zinc-Cobalt
NF - Cad / O.D. Over Electroless Nickel (1000hr Salt Spray)
ZN - Aluminum Zinc-Nickel Olive Drab
MT - Aluminum / Ni-PTFE 1000 Hour GreyTM
AL - Aluminum / Pure Electrodeposited Aluminum
947-114
RECOMMENDED PANEL CUT-OUT
D DIA
E
BULKHEAD FEEDTHRU JAM NUT,
FOR MIL-C-38999, SERIES III
CONNECTOR, RECEPTACLE,
B
C
SEE MIL-C-38999 FOR
INSERT ARRANGEMENTS
.565
REF
A THREAD
F THREAD
G MAX. PANEL
J
H
.150
MAX
P = PIN ON JAM NUT SIDE
S = SOCKET ON JAM NUT SIDE
PP = PIN TO PIN 2 3
SS = SOCKET TO SOCKET 2 3
P
HOW TO ORDER:
EXAMPLE:
947
114 NF 21 35
B
PRODUCT SERIES
FINISH SYM, TABLE II
SHELL SIZE, TABLE I
INSERT ARRANGEMENT DASH NO
OMIT FOR NORMAL
ALTERNATE POSITION, MIL-C-38999,
BASIC NO
-
-
01
DASH NO, TABLE III
PANEL THICKNESS
Insert Arrangements per
MIL-DTL-38999 Series III
MIL-STD-1560
Insert Arrangement
Per MIL-DTL-38999 Series III
MIL-STD-1560
TABLE II:
DASH NUMBERS
Dash
No.
J
Max
H
Max
01
1.600 (40.6) 0.900 (22.9)
02
1.730 (43.9) 1.020 (25.9)
03
1.980 (50.3) 1.270 (32.3)
D
Dia
E
Recommended Panel Cut-Out
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A THREAD
0.1 P-0.3L-TS-2
B
DIM
C DIM
MAX
ØD
+.005
E DIM
+.000/-.002
F THREAD
CLASS 2A
9
.6875
.875 (22.2)
1.090 (27.7)
.698 (17.7)
.656 (16.7) 11/16-24 UNEF
11
.7500
1.000 (25.4)
1.280 (32.5)
.830 (21.1)
.770 (19.6) 13/16-20 UNEF
13
.8750
1.250 (31.8)
1.400 (35.6)
1.015 (25.8)
.954 (24.2)
1-20 UNEF
15
1.0000
1.375 (34.9)
1.530 (38.9)
1.140 (29.0)
1.084 (27.5)
1 1/8-18 UNEF
17
1.1875
1.500 (38.1)
1.660 (42.2)
1.265 (32.1)
1.207 (30.7)
1 1/4-18 UNEF
19
1.2500
1.625 (41.3)
1.840 (46.7)
1.390 (35.3)
1.334 (33.9)
1 3/8-18 UNEF
21
1.3750
1.750 (44.5)
1.970 (50.5)
1.515 (38.5)
1.459 (40.4)
1 1/2-18 UNEF
23
1.5000
1.875 (47.6)
2.090 (53.1)
1.640 (41.7)
1.584 (40.2)
1 5/8-18 UNEF
25
1.6250
2.000 (50.8)
2.210 (56.1)
1.765 (44.8)
1.709 (43.4)
1 3/4-18 UNS
947-114
RECOMMENDED PANEL CUT-OUT
D DIA
E
BULKHEAD FEEDTHRU JAM NUT,
FOR MIL-C-38999, SERIES III
CONNECTOR, RECEPTACLE,
B
C
SEE MIL-C-38999 FOR
INSERT ARRANGEMENTS
.565
REF
A THREAD
F THREAD
G MAX. PANEL
J
H
.150
MAX
P = PIN ON JAM NUT SIDE
S = SOCKET ON JAM NUT SIDE
PP = PIN TO PIN 2 3
SS = SOCKET TO SOCKET 2 3
P
HOW TO ORDER:
EXAMPLE:
947
114 NF 21 35
B
PRODUCT SERIES
FINISH SYM, TABLE II
SHELL SIZE, TABLE I
INSERT ARRANGEMENT DASH NO
OMIT FOR NORMAL
ALTERNATE POSITION, MIL-C-38999,
BASIC NO
-
-
01
DASH NO, TABLE III
PANEL THICKNESS
Panel
Accom.
.210
MAX
Contact Termination
P - Pin on Panel Side
S - Socket on Panel Side
PP - Pin on Both Sides
SS - Socket on Both Sides
(See Notes 2 and 3)


Similar Part No. - 233-104-07

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-104-07AL09 GLENAIR-233-104-07AL09 Datasheet
525Kb / 1P
   Jam Nut Mount Environmental Bulkhead Feed-Thru
233-104-07AL11 GLENAIR-233-104-07AL11 Datasheet
525Kb / 1P
   Jam Nut Mount Environmental Bulkhead Feed-Thru
233-104-07AL13 GLENAIR-233-104-07AL13 Datasheet
525Kb / 1P
   Jam Nut Mount Environmental Bulkhead Feed-Thru
233-104-07AL15 GLENAIR-233-104-07AL15 Datasheet
525Kb / 1P
   Jam Nut Mount Environmental Bulkhead Feed-Thru
233-104-07AL17 GLENAIR-233-104-07AL17 Datasheet
525Kb / 1P
   Jam Nut Mount Environmental Bulkhead Feed-Thru
More results

Similar Description - 233-104-07

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
233-104-07M09 GLENAIR-233-104-07M09 Datasheet
525Kb / 1P
   Jam Nut Mount Environmental Bulkhead Feed-Thru
231-104-09M09 GLENAIR-231-104-09M09 Datasheet
429Kb / 1P
   Jam Nut Environmental Bulkhead Feed-Thru
231-104-07 GLENAIR-231-104-07 Datasheet
211Kb / 1P
   Jam Nut Environmental Bulkhead Feed-Thru
231-104-09 GLENAIR-231-104-09 Datasheet
440Kb / 1P
   Jam Nut Mount Environmental Plug/Receptacle Bulkhead Feed-Thru
947-045 GLENAIR-947-045 Datasheet
370Kb / 1P
   Bulkhead Feed-Thru, Jam Nut Mount
947-112B9B GLENAIR-947-112B9B Datasheet
486Kb / 2P
   Jam Nut Bulkhead Feed-Thru
231-103-H7FT09-35PA01 GLENAIR-231-103-H7FT09-35PA01 Datasheet
430Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H7 GLENAIR-232-103-H7 Datasheet
185Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-120 GLENAIR-947-120 Datasheet
290Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-278 GLENAIR-947-278 Datasheet
513Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com