Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C0471 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C0471
Description  75 Ohm SMB Plug Right Angle to 75 Ohm SMB Jack
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0471 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C0471 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0471 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0471 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2013 Pasternack Enterprises All Rights Reserved
PE3C0471 REV
75 Ohm SMB Plug Right Angle to 75 Ohm SMB Jack
Bulkhead Cable Using 95 Ohm RG180 Coax
PE3C0471
CAD Drawing


Similar Part No. - PE3C0471

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0438 PASTERNACK-PE3C0438 Datasheet
431Kb / 4P
   SMP Female to SMP Female Right Angle Cable Using PE-SR405FLJ Coax, RoHS
PE3C0438-12 PASTERNACK-PE3C0438-12 Datasheet
442Kb / 4P
   SMP Female to SMP Female Right Angle Cable 12 Inch Length Using PE-SR405FLJ Coax
PE3C0438-18 PASTERNACK-PE3C0438-18 Datasheet
431Kb / 4P
   SMP Female to SMP Female Right Angle Cable 18 Inch Length Using PE-SR405FLJ Coax
PE3C0438-24 PASTERNACK-PE3C0438-24 Datasheet
431Kb / 4P
   SMP Female to SMP Female Right Angle Cable 24 Inch Length Using PE-SR405FLJ Coax
PE3C0438-6 PASTERNACK-PE3C0438-6 Datasheet
431Kb / 4P
   SMP Female to SMP Female Right Angle Cable 6 Inch Length Using PE-SR405FLJ Coax
More results

Similar Description - PE3C0471

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9735 PASTERNACK-PE9735 Datasheet
107Kb / 1P
   75 OHM SMB JACK TO MINI 75 OHM SMB PLUG
PE9736 PASTERNACK-PE9736 Datasheet
106Kb / 1P
   75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
PE9610 PASTERNACK-PE9610 Datasheet
78Kb / 1P
   MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
PE9609 PASTERNACK-PE9609 Datasheet
79Kb / 1P
   MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB PLUG
PE9248 PASTERNACK-PE9248 Datasheet
341Kb / 3P
   75 Ohm SMB Jack to SMB Jack Adapter
PE9271 PASTERNACK-PE9271 Datasheet
240Kb / 2P
   75 Ohm SMB Plug to SMB Plug Adapter
PE9245 PASTERNACK-PE9245 Datasheet
76Kb / 3P
   75 OHM SMB TEE, JACK-PLUG-JACK
PE9271 PASTERNACK-PE9271 Datasheet
245Kb / 2P
   75 Ohm SMB Plug to SMB Plug Adapter
PE34694 PASTERNACK-PE34694 Datasheet
281Kb / 1P
   CABLE ASSEMBLY, RG179B/U, MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB PLUG RIGHT ANGLE
PE3112 PASTERNACK-PE3112 Datasheet
118Kb / 1P
   CABLE ASSEMBLY PE-8150 75 OHM SMB PLUG TO 75 OHM SMB PLUG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com