Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A4501-SP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4501-SP
Description  Low-Dropout Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4501-SP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS7A4501-SP Datasheet HTML 4Page - Texas Instruments TPS7A4501-SP Datasheet HTML 5Page - Texas Instruments TPS7A4501-SP Datasheet HTML 6Page - Texas Instruments TPS7A4501-SP Datasheet HTML 7Page - Texas Instruments TPS7A4501-SP Datasheet HTML 8Page - Texas Instruments TPS7A4501-SP Datasheet HTML 9Page - Texas Instruments TPS7A4501-SP Datasheet HTML 10Page - Texas Instruments TPS7A4501-SP Datasheet HTML 11Page - Texas Instruments TPS7A4501-SP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TPS7A4501-SP
SLVSC31D – DECEMBER 2013 – REVISED AUGUST 2015
www.ti.com
Electrical Characteristics (5962R1222403VXC and 5962R1222403V9A) (continued)
Over operating junction temperature range TJ = –55°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP(1)
MAX
UNIT
ILOAD = 0 mA
Full range
1
1.5
ILOAD = 1 mA
Full range
1.1
1.6
ILOAD = 100 mA
Full range
3.3
7
ILOAD = 500 mA
Full range
8.5
30
GND pin current(7) (8)
IGND
mA
VIN = 2.9 V
ILOAD = 750 mA
Full range
15
45
ILOAD = 1 A
Full range
25
50
ILOAD = 1.25 A
Full range
36
80
ILOAD = 1.5 A
Full range
53
105
COUT = 22 μF, ILOAD = 1.5 A, VIN = 5.5 V, VOUT =
eN
(9)
Output voltage noise
5 V
25°C
50
μVRMS
BW = 10 Hz to 100 kHz
25°C
3
7
IADJ
ADJ pin bias current(2) (10)
μA
Full range
5.5
15
VOUT = OFF to ON
Full range
0.9
2
Shutdown threshold
V
VOUT = ON to OFF
Full range
0.15
0.75
V SHDN = 0 V
Full range
0.01
1
I SHDN SHDN pin current
μA
V SHDN = 20 V
Full range
3
20
VIN = 6 V, V SHDN = 0 V
Full range
0.01
10
Quiescent current in shutdown
μA
VIN = 6 V, V SHDN = 0 V, Post 100kRads (si), TJ =
25°C
15
50
25°C(11)
25°C
60
68
VIN – VOUT = 1.5 V (avg), VRIPPLE = 0.5 VP-P,
ƒRIPPLE = 120 Hz, ILOAD = 0.75 A
Full range
58
63
Ripple rejection(12)
dB
25°C
50
60
VIN – VOUT = 1.5 V (avg), VRIPPLE = 0.5 VP-P,
fRIPPLE = 120 Hz, ILOAD = 1.5 A
Full range
44
52
VIN = 7 V, VOUT = 0 V
Full range
1.7
1.9
ILIMIT
Current limit(12)
A
VIN = 2.9 V
Full range
1.6
1.9
IIL
Input reverse leakage current
VIN = –20 V, VOUT = 0 V
Full range
300
μA
IRO
Reverse output current(13)
VOUT = 1.21 V, VIN < 1.21 V
Full range
300
500
μA
TSD
Thermal shutdown temperature
175
°C
(7)
To satisfy requirements for minimum input voltage, the TPS7A4501 is tested and specified for these conditions with an external resistor
divider (two 4.12-k
Ω resistors) for an output voltage of 2.4 V. The external resistor divider adds a 300-µA DC load on the output.
(8)
GND pin current is tested with VIN = 2.9 V and a current source load. The GND pin current decreases at higher input voltages.
(9)
Parameter is specified by bench characterization and is not tested in production.
(10) ADJ pin bias current flows into the ADJ pin.
(11) This maximum limit applies to SMD 5962R1222403VXC post 100kRads (Si) test at 25°C.
(12) Parameter is specified by characterization for KGD and is not tested in production.
(13) Reverse output current is tested with the IN pin grounded and the OUT pin forced to the rated output voltage. This current flows into the
OUT pin and out the GND pin.
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated


Similar Part No. - TPS7A4501-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4501-SP TI1-TPS7A4501-SP Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4501-SP TI-TPS7A4501-SP Datasheet
784Kb / 31P
[Old version datasheet]   TPS7A4501-SP Low-Dropout Voltage Regulator
REVISED AUGUST 2015
More results

Similar Description - TPS7A4501-SP

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com