Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSL373SN Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BSL373SN
Description  Enhancement mode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSL373SN Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BSL373SN Datasheet HTML 2Page - Infineon Technologies AG BSL373SN Datasheet HTML 3Page - Infineon Technologies AG BSL373SN Datasheet HTML 4Page - Infineon Technologies AG BSL373SN Datasheet HTML 5Page - Infineon Technologies AG BSL373SN Datasheet HTML 6Page - Infineon Technologies AG BSL373SN Datasheet HTML 7Page - Infineon Technologies AG BSL373SN Datasheet HTML 8Page - Infineon Technologies AG BSL373SN Datasheet HTML 9Page - Infineon Technologies AG BSL373SN Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
BSL373SN
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 Ω
V GS=f(Q gate); I D=2 A pulsed
parameter: T j(start)
parameter: V DD
20 V
50 V
80 V
0
1
2
3
4
5
6
7
8
9
10
01234567
Q
gate [nC]
25 °C
100 °C
125 °C
100
101
102
103
10-1
100
101
t
AV [µs]
Rev 2.0
page 7
2014-10-16
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=250 µA
80
84
88
92
96
100
104
108
112
116
120
-60
-20
20
60
100
140
180
T
j [°C]
20 V
50 V
80 V
0
1
2
3
4
5
6
7
8
9
10
01234567
Q
gate [nC]
25 °C
100 °C
125 °C
100
101
102
103
10-1
100
101
t
AV [µs]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
Rev 2.0
page 7
2014-10-16


Similar Part No. - BSL373SN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSL372SN INFINEON-BSL372SN Datasheet
565Kb / 10P
   Enhancement mode
Rev 2.0 2014-10-16
More results

Similar Description - BSL373SN

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BUZ50B NJSEMI-BUZ50B Datasheet
102Kb / 4P
   Enhancement mode
BUZ41A NJSEMI-BUZ41A Datasheet
105Kb / 4P
   Enhancement mode
BUZ72A NJSEMI-BUZ72A Datasheet
98Kb / 4P
   Enhancement mode
logo
Infineon Technologies A...
BSL296SN INFINEON-BSL296SN Datasheet
546Kb / 10P
   Enhancement mode
Rev 2.0 2014-10-16
BSP612P INFINEON-BSP612P Datasheet
503Kb / 9P
   Enhancement mode
Rev 2.0 2015-10-07
BSZ15DC02KDH INFINEON-BSZ15DC02KDH Datasheet
576Kb / 13P
   Enhancement mode
Rev 2.2 2014-08-28
BSD223P INFINEON-BSD223P_14 Datasheet
326Kb / 9P
   Enhancement mode
Rev.1.6 2014-07-29
BSD235N INFINEON-BSD235N_14 Datasheet
507Kb / 9P
   Enhancement mode
Rev 2.5 2014-07-29
SPI80N06S2L-11 INFINEON-SPI80N06S2L-11 Datasheet
338Kb / 8P
   Enhancement mode
2004-11-02
logo
New Jersey Semi-Conduct...
BUZ30A NJSEMI-BUZ30A Datasheet
104Kb / 4P
   Enhancement mode
BUZ72L NJSEMI-BUZ72L Datasheet
82Kb / 3P
   Enhancement mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com