Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A4101 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS7A4101
Description  TPS7A41 50-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4101 Datasheet(HTML) 5 Page - Texas Instruments

  TPS7A4101_15 Datasheet HTML 1Page - Texas Instruments TPS7A4101_15 Datasheet HTML 2Page - Texas Instruments TPS7A4101_15 Datasheet HTML 3Page - Texas Instruments TPS7A4101_15 Datasheet HTML 4Page - Texas Instruments TPS7A4101_15 Datasheet HTML 5Page - Texas Instruments TPS7A4101_15 Datasheet HTML 6Page - Texas Instruments TPS7A4101_15 Datasheet HTML 7Page - Texas Instruments TPS7A4101_15 Datasheet HTML 8Page - Texas Instruments TPS7A4101_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPS7A41
www.ti.com
SBVS183A – DECEMBER 2011 – REVISED AUGUST 2015
6.5 Electrical Characteristics
At TJ = –40°C to 125°C, VIN = VOUT(NOM) + 2 V or VIN = 7 V (whichever is greater), VEN = VIN, IOUT = 100 µA, CIN = 1 μF, COUT = 4.7 μF, and
FB tied to OUT, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
7
50
V
VREF
Internal reference
TJ = 25°C, VFB = VREF, VIN = 9 V, IOUT = 25 mA
1.161
1.173
1.185
V
Output voltage range(1)
VIN ≥ VOUT(NOM) + 2 V
VREF
48
V
Nominal accuracy
TJ = 25°C, VIN = 9 V, IOUT = 25 mA
–1
1
%VOUT
VOUT
VOUT(NOM) + 2 V ≤ VIN ≤ 24 V
(2)
Overall accuracy
–2.5
2.5
%VOUT
100 µA
≤ IOUT ≤ 50 mA
ΔVO(ΔVI)
Line regulation
7 V
≤ VIN ≤ 50 V
0.03
%VOUT
ΔVO(ΔVL)
Load regulation
100 µA
≤ IOUT ≤ 50 mA
0.31
%VOUT
VIN = 17 V, VOUT(NOM) = 18 V, IOUT = 20 mA
290
mV
VDO
Dropout voltage
VIN = 17 V, VOUT(NOM) = 18 V, IOUT = 50 mA
0.78
1.3
V
VOUT = 90% VOUT(NOM), VIN = 7 V, TJ ≤ 85°C
51
117
200
mA
ILIM
Current limit
VOUT = 90% VOUT(NOM), VIN = 9 V
51
128
200
mA
7 V
≤ VIN ≤ 50 V, IOUT = 0 mA
25
65
μA
IGND
Ground current
IOUT = 50 mA
25
μA
ISHDN
Shutdown supply current
VEN = 0.4 V
4.1
20
μA
I FB
Feedback current(3)
–0.1
0.01
0.1
µA
IEN
Enable current
7 V
≤ VIN ≤ 50 V, VIN = VEN
0.02
1
μA
VEN_HI
Enable high-level voltage
1.5
VIN
V
VEN_LO
Enable low- level voltage
0
0.4
V
VIN = 12 V, VOUT(NOM) = VREF, COUT = 10 μF,
58
μVRMS
BW = 10 Hz to 100 kHz
VNOISE
Output noise voltage
VIN = 12 V, VOUT(NOM) = 5 V, COUT = 10 μF,
73
μVRMS
CBYP
(4) = 10 nF, BW = 10 Hz to 100 kHz
VIN = 12 V, VOUT(NOM) = 5 V, COUT = 10 μF,
PSRR
Power-supply rejection ratio
65
dB
CBYP
(4) = 10 nF, f = 100 Hz
Shutdown, temperature increasing
170
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
150
°C
Operating junction temperature
TJ
–40
125
°C
range
(1)
To ensure stability at no-load conditions, a current from the feedback resistive network greater than or equal to 10
μA is required.
(2)
Maximum input voltage is limited to 24 V because of the package power dissipation limitations at full load (P
≈ (VIN – VOUT) × IOUT = (24
V – VREF) × 50 mA ≈ 1.14 W). The device is capable of sourcing a maximum current of 50 mA at higher input voltages as long as the
power dissipated is within the thermal limits of the package plus any external heatsinking.
(3)
IFB > 0 flows out of the device.
(4)
CBYP refers to a bypass capacitor connected to the FB and OUT pins.
6.6 Dissipation Ratings
DERATING FACTOR
TA ≤ 25°C POWER
TA = 70°C POWER
TA = 85°C POWER
BOARD
PACKAGE
RθJA
RθJC
ABOVE TA = 25°C
RATING
RATING
RATING
High-K(1)
DGN
55.9°C/W
8.47°C/W
16.6 mW/°C
1.83 W
1.08 W
0.833 W
(1)
The JEDEC High-K (2s2p) board design used to derive this data was a 3-inch x 3-inch multilayer board with 2-ounce internal power and
ground planes and 2-ounce copper traces on top and bottom of the board.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS7A4101_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4101DGNR TI1-TPS7A4101DGNR Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
TPS7A4101DGNT TI1-TPS7A4101DGNT Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
More results

Similar Description - TPS7A4101_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4101 TI1-TPS7A4101 Datasheet
741Kb / 19P
[Old version datasheet]   50-V Input Voltage, 50-mA, Very High Voltage LINEAR REGULATOR
TPS7A4001-EP TI1-TPS7A4001-EP_16 Datasheet
996Kb / 23P
[Old version datasheet]   100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4001-EP TI-TPS7A4001-EP Datasheet
990Kb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7B7702-Q1 TI-TPS7B7702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7A4001-EP 100-V Input Voltage, 50-mA, Very High Voltage Linear Regulator
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
[Old version datasheet]   28-V Input Voltage, 50-mA Voltage Regulator
logo
Analog Devices
ADP1720-EP AD-ADP1720-EP Datasheet
905Kb / 12P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720ARMZ-5-R7 AD-ADP1720ARMZ-5-R7 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
ADP1720 AD-ADP1720_15 Datasheet
369Kb / 16P
   50 mA, High Voltage, Micropower Linear Regulator
REV. A
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
[Old version datasheet]   TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
logo
ON Semiconductor
NCP781 ONSEMI-NCP781 Datasheet
168Kb / 14P
   150 V, 100mA Very High Voltage Linear Regulator
April, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com