Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A4901DGNT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4901DGNT
Description  TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4901DGNT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS7A4901DGNT Datasheet HTML 7Page - Texas Instruments TPS7A4901DGNT Datasheet HTML 8Page - Texas Instruments TPS7A4901DGNT Datasheet HTML 9Page - Texas Instruments TPS7A4901DGNT Datasheet HTML 10Page - Texas Instruments TPS7A4901DGNT Datasheet HTML 11Page - Texas Instruments TPS7A4901DGNT Datasheet HTML 12Page - Texas Instruments TPS7A4901DGNT Datasheet HTML 13Page - Texas Instruments TPS7A4901DGNT Datasheet HTML 14Page - Texas Instruments TPS7A4901DGNT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
10
100
1k
10k
Frequency(Hz)
100k
10
1
0.1
0.01
I
=1mA
C
=10 F
OUT
C
=2.2 F
C
=10nF
C
=10nF
IN
NR
BYP
m
m
OUT
RMSNOISE
10Hzto100kHz
100Hzto100kHz
V
OUT(NOM)
5V
1.2V
21.15
14.74
15.44
14.14
V
=
OUT(NOM)
1.2V
V
=5V
OUT(NOM)
10
100
1k
10k
Frequency(Hz)
100k
10
1
0.1
0.01
V
=1.2V
V
=3V
I
=150mA
C
=10 F
OUT
IN
OUT
OUT
C
=2.2 F
IN
m
m
RMSNOISE
10Hzto100kHz
100Hzto100kHz
C
NR/SS
0nF
10nF
69.04
67.87
16.58
15.86
C
=0nF
NR/SS
C
=10nF
NR/SS
10
100
1k
10k
Frequency(Hz)
100k
10
1
0.1
0.01
V
=1.2V
V
=3V
C
=10 F
OUT
IN
OUT
C
=2.2 F
C
=10nF
IN
NR/SS
m
m
RMSNOISE
10Hzto100kHz
100Hzto100kHz
I
OUT
1mA
150mA
15.44
14.14
17.27
16.46
I
=150mA
OUT
I
=1mA
OUT
TPS7A49
www.ti.com
SBVS121E – AUGUST 2010 – REVISED MAY 2015
7 Parameter Measurement Information
Figure 25. Output Spectral Noise Density vs Output Current
Figure 26. Output Spectral Noise Density vs CNR/SS
Figure 27. Output Spectral Noise Density vs VOUT(NOM)
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS7A49


Similar Part No. - TPS7A4901DGNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4901DGNT TI-TPS7A4901DGNT Datasheet
755Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A4901DGNT TI1-TPS7A4901DGNT Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
More results

Similar Description - TPS7A4901DGNT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP150 AD-ADP150 Datasheet
620Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
   Ultralow Noise, 200 mA Linear Regulator
REV. 0
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
logo
Analog Devices
ADP151 AD-ADP151 Datasheet
540Kb / 24P
   Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP151_VD AD-ADP151_VD Datasheet
574Kb / 24P
   Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADP151CB-3.3-EVALZ AD-ADP151CB-3.3-EVALZ Datasheet
561Kb / 24P
   Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. E
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
TPS7A4901 TI1-TPS7A4901 Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com