Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6140A2 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPA6140A2
Description  CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6140A2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA6140A2_15 Datasheet HTML 7Page - Texas Instruments TPA6140A2_15 Datasheet HTML 8Page - Texas Instruments TPA6140A2_15 Datasheet HTML 9Page - Texas Instruments TPA6140A2_15 Datasheet HTML 10Page - Texas Instruments TPA6140A2_15 Datasheet HTML 11Page - Texas Instruments TPA6140A2_15 Datasheet HTML 12Page - Texas Instruments TPA6140A2_15 Datasheet HTML 13Page - Texas Instruments TPA6140A2_15 Datasheet HTML 14Page - Texas Instruments TPA6140A2_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
PO − Total Output Power − mW
f = 1 kHz
RL = 16 Ω
0.001
0.01
100
100
10
1
G017
10
0.1
VDD = 2.5 V
1
VDD = 3.6 V
VDD = 5 V
PO − Total Output Power − mW
f = 1 kHz
RL = 32 Ω
0.001
0.01
100
100
10
1
G018
10
0.1
VDD = 2.5 V
1
VDD = 3.6 V
VDD = 5 V
VDD − Supply Voltage − V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
f = 1 kHz
THD+N = 1%
G020
RL = 1 kΩ
RL = 600 Ω
RL = 16 Ω
RL = 32 Ω
PO − Total Output Power − mW
0.01
0.1
1
100
G019
10
RL = 16 Ω
1k
100
10
1
RL = 32 Ω
TPA6140A2
www.ti.com................................................................................................................................................. SLOS598A – MARCH 2009 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, AVDD (VDD) = 3.6 V, GAIN = 0 dB, CHPVDD = CHPVSS = 2.2 μF, CINPUT = CFLYING = 1 μF, Outputs out of phase
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
TOTAL OUTPUT POWER
TOTAL OUTPUT POWER
Figure 19.
Figure 20.
TOTAL POWER DISSIPATION
OUTPUT VOLTAGE
vs
vs
TOTAL OUTPUT POWER
SUPPLY VOLTAGE
Figure 21.
Figure 22.
Copyright © 2009, Texas Instruments Incorporated
11
Product Folder Link(s): TPA6140A2


Similar Part No. - TPA6140A2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6140A2YFF TI-TPA6140A2YFF Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2YFFR TI-TPA6140A2YFFR Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2YFFT TI-TPA6140A2YFFT Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results

Similar Description - TPA6140A2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
LM48824 TI1-LM48824 Datasheet
1Mb / 29P
[Old version datasheet]   Class G Headphone Amplifier with I2C Volume Control
logo
National Semiconductor ...
LM48824 NSC-LM48824 Datasheet
1Mb / 28P
   Class G Headphone Amplifier with I2C Volume Control
logo
STMicroelectronics
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com