Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMV32UP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMV32UP
Description  20 V, 4 A P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMV32UP Datasheet(HTML) 5 Page - NXP Semiconductors

  PMV32UP Datasheet HTML 1Page - NXP Semiconductors PMV32UP Datasheet HTML 2Page - NXP Semiconductors PMV32UP Datasheet HTML 3Page - NXP Semiconductors PMV32UP Datasheet HTML 4Page - NXP Semiconductors PMV32UP Datasheet HTML 5Page - NXP Semiconductors PMV32UP Datasheet HTML 6Page - NXP Semiconductors PMV32UP Datasheet HTML 7Page - NXP Semiconductors PMV32UP Datasheet HTML 8Page - NXP Semiconductors PMV32UP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PMV32UP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 11 March 2011
5 of 15
NXP Semiconductors
PMV32UP
20 V, 4 A P-channel Trench MOSFET
FR4 PCB, standard footprint
Fig 4.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
FR4 PCB, mounting pad for drain 6 cm2
Fig 5.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
017aaa140
tp (s)
10–3
102
103
10
1
10–2
10–1
102
10
103
Zth(j-a)
(K/W)
1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
duty cycle = 1
017aaa141
tp (s)
10–1
102
103
10
1
10–2
10–1
102
10
103
Zth(j-a)
(K/W)
1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
duty cycle = 1


Similar Part No. - PMV32UP

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
PMV32UP ZPSEMI-PMV32UP Datasheet
450Kb / 4P
   20 V, 4 A P-channel Trench MOSFET
logo
VBsemi Electronics Co.,...
PMV32UP VBSEMI-PMV32UP Datasheet
495Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Nexperia B.V. All right...
PMV32UP NEXPERIA-PMV32UP Datasheet
1Mb / 15P
   20 V, 4 A P-channel Trench MOSFET
Rev. 1 - 11 March 2011
More results

Similar Description - PMV32UP

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
PMV32UP ZPSEMI-PMV32UP Datasheet
450Kb / 4P
   20 V, 4 A P-channel Trench MOSFET
logo
Nexperia B.V. All right...
PMV32UP NEXPERIA-PMV32UP Datasheet
1Mb / 15P
   20 V, 4 A P-channel Trench MOSFET
Rev. 1 - 11 March 2011
logo
NXP Semiconductors
PMF170XP NXP-PMF170XP Datasheet
246Kb / 15P
   20 V, 1 A P-channel Trench MOSFET
29 October 2013
logo
ZP Semiconductor
PMV160UP ZPSEMI-PMV160UP Datasheet
484Kb / 4P
   20 V, 1.2 A P-channel Trench MOSFET
logo
NXP Semiconductors
PMV160UP PHILIPS-PMV160UP_15 Datasheet
892Kb / 16P
   20 V, 1.2 A P-channel Trench MOSFET
Rev. 2-6 December 2011
logo
Nexperia B.V. All right...
PMV48XP NEXPERIA-PMV48XP Datasheet
755Kb / 15P
   20 V, 3.5 A P-channel Trench MOSFET
Rev. 1 - 21 December 2010
logo
NXP Semiconductors
NX2301P PHILIPS-NX2301P Datasheet
370Kb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1-26 October 2010
PMG85XP PHILIPS-PMG85XP Datasheet
730Kb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1-28 June 2011
logo
Nexperia B.V. All right...
PMF170XP NEXPERIA-PMF170XP Datasheet
264Kb / 14P
   20 V, 1 A P-channel Trench MOSFET
3 May 2023
PMG85XP NEXPERIA-PMG85XP Datasheet
1Mb / 16P
   20 V, 2 A P-channel Trench MOSFET
Rev. 1 - 28 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com