Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRT83VSH316IBF Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT83VSH316IBF
Description  Flammability rating of UL 94?륷0
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH316IBF Datasheet(HTML) 1 Page - Exar Corporation

  XRT83VSH316IBF Datasheet HTML 1Page - Exar Corporation XRT83VSH316IBF Datasheet HTML 2Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Material Declaration
Statement of Materials, Construction
Product:  XRT83VSH316IB‐F 
Package:     316L L‐fpBGA (21x21)
Name
Weight (g)
CAS No.
Weight (g)
/Total Unit
/ Component
1
Die
0.0360
7440‐21‐3
0.0360
2.36
100.00
2
Die Attach
0.0023
7440‐22‐4
0.0018
0.12
76.75
9003‐36‐5
0.0003
0.02
11.00
0.0001
0.01
6.00
3101‐60‐8
0.0001
0.01
5.00
0.0000
0.00
1.00
461‐58‐5
0.0000
0.00
0.25
3
Substrate
0.4883
14807‐96‐6
0.0064
0.42
1.32
Trade secret
0.0001
0.01
0.02
7727‐43‐7
0.0079
0.52
1.61
7631‐86‐9
0.0010
0.07
0.21
34590‐94‐8
0.0086
0.56
1.76
91‐20‐3
0.0006
0.04
0.13
7440‐50‐8
0.1039
6.81
21.27
7440‐66‐6
0.0000
0.00
0.01
7440‐47‐3
0.0000
0.00
0.00
7440‐02‐0
0.0000
0.00
0.01
65997‐17‐3
0.0492
3.22
10.07
391‐33‐1/25722‐6
0.0313
2.06
6.42
9003‐36‐5
0.0228
1.49
4.67
21645‐51‐2/NA
0.0123
0.81
2.52
7440‐50‐8
0.0303
1.98
6.20
7440‐02‐0
0.0246
1.61
5.04
7440‐50‐8
0.1758
11.52
36.00
7440‐57‐5
0.0134
0.88
2.74
4
Mold Compound
0.6390
60676‐86‐0
0.5732
37.58
89.70
0.0351
2.30
5.50
0.0288
1.89
4.50
1333‐86‐4
0.0019
0.13
0.30
5
Solder Ball
0.3517
60676‐86‐0
0.3394
22.25
96.50
25550‐51‐0
0.0106
0.69
3.00
1333‐86‐4
0.0018
0.12
0.50
6
Wire 
0.0081
7440‐57‐5
0.0081
0.53
99.99
0.0000
0.00
0.01
Total Unit Weight:
1.5253
Bismaleimide/Triazine
Epoxy Resin
Talc containing no asbestiform fibers
Au
Silica(Fused)
Cu
Ni
Component weight is based on homogenous material used to assemble the unit. | Composition derived from the material declaration from vendors.
Copper
Morpholine derivative
Barium Sulfate
Carbon Black
Phenol resin
Component
Silicon
Element/Compound
Dicyandiamide
Phenolic Hardener
Material
Silver
t‐Butylphenyl glycidyl ether
Epoxy resin A
Epoxy resin B
Silver
Tin
Gold
Impurity
Material Weight %
Epoxy resin
Cu
Silica,amorphous
Dipropylene Glycol Monomethyl Ether
Naphthalene
Copper
Zinc
Inorganic filler
Chromium
Nickel
Continuous Filament Fiber Glass
Exar Corporation
 48720 Kato Road, Fremont, CA 94538  Phone:  510‐668‐7000
www.exar.com
Reference No:  MDS‐00000387 Rev 000


Similar Part No. - XRT83VSH316IBF

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83VSH316IB EXAR-XRT83VSH316IB Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316IB EXAR-XRT83VSH316IB Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316IB-F EXAR-XRT83VSH316IB-F Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
More results

Similar Description - XRT83VSH316IBF

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3243EUEYL EXAR-SP3243EUEYL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
XR16C850CMF EXAR-XR16C850CMF Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
XR21V1414IM48F EXAR-XR21V1414IM48F Datasheet
164Kb / 1P
   Flammability rating of UL 94?륷0
CLC2000ISO8X EXAR-CLC2000ISO8X Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
ST16C2550CQ48F EXAR-ST16C2550CQ48F Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
XR75100ELF EXAR-XR75100ELF Datasheet
164Kb / 1P
   Flammability rating of UL 94?륷0
SP3232EETL EXAR-SP3232EETL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
SP2526A2ENL EXAR-SP2526A2ENL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
SP3072EMNL EXAR-SP3072EMNL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
SP3485CNL EXAR-SP3485CNL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com