Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV117112DCYR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV117112DCYR
Description  1-A, Positive Fixed-Voltage, Low-Dropout Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV117112DCYR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV117112DCYR Datasheet HTML 7Page - Texas Instruments TLV117112DCYR Datasheet HTML 8Page - Texas Instruments TLV117112DCYR Datasheet HTML 9Page - Texas Instruments TLV117112DCYR Datasheet HTML 10Page - Texas Instruments TLV117112DCYR Datasheet HTML 11Page - Texas Instruments TLV117112DCYR Datasheet HTML 12Page - Texas Instruments TLV117112DCYR Datasheet HTML 13Page - Texas Instruments TLV117112DCYR Datasheet HTML 14Page - Texas Instruments TLV117112DCYR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
P =(V
V
)I
-
D
IN
OUT
OUT
TLV1171
www.ti.com
SBVS177 – APRIL 2012
DROPOUT VOLTAGE
The TLV1171 uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the dropout
voltage (VDO), the PMOS pass device is in the linear region of operation and the input-to-output resistance is the
RDS(ON) of the PMOS pass element. VDO scales approximately with output current because the PMOS device
behaves like a resistor in dropout.
As with any linear regulator, PSRR and transient response are degraded as (VIN – VOUT) approaches dropout.
TRANSIENT RESPONSE
As with any regulator, increasing the size of the output capacitor reduces over- and undershoot magnitude.
UNDERVOLTAGE LOCKOUT (UVLO)
The TLV1171 uses an undervoltage lockout circuit to keep the output shut off until the internal circuitry operates
properly.
THERMAL INFORMATION
Thermal protection disables the output when the junction temperature rises to approximately +165°C, thus
allowing the device to cool. When the junction temperature cools to approximately +145°C, the output circuitry is
again enabled. Depending on power dissipation, thermal resistance, and ambient temperature, the thermal
protection circuit may cycle on and off. This cycling limits dissipation of the regulator, protecting it from damage
as a result of overheating.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heatsink. For reliable operation, junction temperature should be limited to +125°C (max). To estimate the margin
of safety in a complete design (including heatsink), increase the ambient temperature until the thermal protection
is triggered; use worst-case loads and signal conditions.
The TLV1171 internal protection circuitry has been designed to protect against overload conditions. It is not
intended to replace proper heatsinking. Continuously running the TLV1171 into thermal shutdown degrades
device reliability.
POWER DISSIPATION
The ability to remove heat from the die is different for each package type and presents different considerations in
the printed circuit board (PCB) layout. The PCB area around the device that is free of other components moves
heat from the device to ambient air. Performance data for JEDEC low and high-K boards are given in the
Thermal Information table. Using heavier copper increases the effectiveness in removing heat from the device.
The addition of plated through-holes to heat-dissipating layers also improves heatsink effectiveness.
Power dissipation depends on input voltage and load conditions. Power dissipation (PD) is equal to the product of
the output current and voltage drop across the output pass element, as shown in Equation 2:
(2)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TLV117112DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
More results

Similar Description - TLV117112DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV TI-TLV1117LV_15 Datasheet
901Kb / 24P
[Old version datasheet]   TLV1117LV 1-A, Positive Fixed-Voltage, Low-Dropout Regulator
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
   1 關A Low Dropout Positive Voltage Regulator
2005
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com