Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1892TS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TEA1892TS
Description  GreenChip synchronous rectifier controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1892TS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TEA1892TS Datasheet HTML 2Page - NXP Semiconductors TEA1892TS Datasheet HTML 3Page - NXP Semiconductors TEA1892TS Datasheet HTML 4Page - NXP Semiconductors TEA1892TS Datasheet HTML 5Page - NXP Semiconductors TEA1892TS Datasheet HTML 6Page - NXP Semiconductors TEA1892TS Datasheet HTML 7Page - NXP Semiconductors TEA1892TS Datasheet HTML 8Page - NXP Semiconductors TEA1892TS Datasheet HTML 9Page - NXP Semiconductors TEA1892TS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TEA1892TS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 9 April 2014
6 of 13
NXP Semiconductors
TEA1892TS
GreenChip synchronous rectifier controller
8.
Limiting values
[1]
Equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
9.
Thermal characteristics
10. Characteristics
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are measured
with respect to ground (pin 2); positive currents flow into the chip. The voltage ratings and current
ratings are valid provided the other ratings are not violated.
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VCC
supply voltage
continuous
0.4
+38
V
VSRSENSE
voltage on pin
SRSENSE
continuous
-
120
V
VSELREG
voltage on pin SELREG
continuous
0.4
5
V
Currents
IDRIVER
current on pin DRIVER
duty cycle < 10 %
0.8
+3
A
ISRSENSE
current on pin
SRSENSE
3-
mA
General
Ptot
total power dissipation
Tamb <80 C
-
0.27
W
Tstg
storage temperature
55
+150
C
Tj
junction temperature
40
+150
C
VESD
electrostatic discharge
voltage
human body model; JEDEC
Class 2; all pins
[1]
2+2
kV
charged device model; JEDEC
Class 3; all pins
500 +500 V
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
JEDEC test board
259
K/W
Rth(j-c)
thermal resistance from junction
to case
JEDEC test board
152
K/W
Table 5.
Characteristics
Tamb =25 C; VCC = 20 V; all voltages are measured with respect to ground (pin 2); currents are positive when flowing into
the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply voltage management (pin VCC)
Vstartup
start-up voltage
8.2
8.5
8.8
V
Vhys
hysteresis voltage
[1] 0.35
0.5
0.65
V


Similar Part No. - TEA1892TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1892ATS PHILIPS-TEA1892ATS Datasheet
138Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 April 2014
More results

Similar Description - TEA1892TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1792ATS NXP-TEA1792ATS Datasheet
324Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1761T NXP-TEA1761T Datasheet
83Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1998TS NXP-TEA1998TS Datasheet
230Kb / 18P
   GreenChip synchronous rectifier controller
Rev. 1-16 February 2017
TEA2093TS NXP-TEA2093TS Datasheet
273Kb / 19P
   GreenChip synchronous rectifier controller
Rev. 1 ??7 June 2022
TEA1892ATS PHILIPS-TEA1892ATS Datasheet
138Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 April 2014
TEA1762T PHILIPS-TEA1762T Datasheet
81Kb / 15P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1792AT NXP-TEA1792AT Datasheet
330Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1999TK NXP-TEA1999TK Datasheet
255Kb / 21P
   GreenChip synchronous rectifier controller
Rev. 2-3 November 2017
TEA1795T PHILIPS-TEA1795T Datasheet
142Kb / 14P
   GreenChip synchronous rectifier controller
Rev. 1-4 November 2010
TEA1993TS NXP-TEA1993TS Datasheet
207Kb / 20P
   GreenChip synchronous rectifier controller
Rev.1.1-14 September 2016
TEA1791T NXP-TEA1791T_V01 Datasheet
257Kb / 12P
   GreenChip synchronous rectifier controller
Rev. 02-7 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com