Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA18361LT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TEA18361LT
Description  GreenChip SMPS control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA18361LT Datasheet(HTML) 4 Page - NXP Semiconductors

  TEA18361LT Datasheet HTML 1Page - NXP Semiconductors TEA18361LT Datasheet HTML 2Page - NXP Semiconductors TEA18361LT Datasheet HTML 3Page - NXP Semiconductors TEA18361LT Datasheet HTML 4Page - NXP Semiconductors TEA18361LT Datasheet HTML 5Page - NXP Semiconductors TEA18361LT Datasheet HTML 6Page - NXP Semiconductors TEA18361LT Datasheet HTML 7Page - NXP Semiconductors TEA18361LT Datasheet HTML 8Page - NXP Semiconductors TEA18361LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TEA18361LT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 12 December 2013
4 of 29
NXP Semiconductors
TEA18361LT
GreenChip SMPS control IC
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
TEA18361LT pinning diagram
Table 2.
Pin descriptions
Pin
Pin number
Description
VCC
1
supply voltage
GND
2
ground
n.c.
3
not connected
DRIVER
4
gate driver output
n.c.
5
not connected
ISENSE
6
current sense input
n.c
7
not connected
n.c.
8
not connected
AUX
9
auxiliary winding input for demagnetization timing, valley
detect, overpower correction, and OVP
CTRL
10
control input
PROTECT
11
general purpose protection input; pin for power-down mode
n.c.
12
high-voltage safety spacer; not connected
n.c.
13
high-voltage safety spacer; not connected
HV
14
high voltage start-up; active X-capacitor discharge


Similar Part No. - TEA18361LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA18361LT NXP-TEA18361LT Datasheet
369Kb / 27P
   GreenChip SMPS control IC
Rev. 1 - 21 November 2022
TEA18361LT/2 NXP-TEA18361LT/2 Datasheet
369Kb / 27P
   GreenChip SMPS control IC
Rev. 1 - 21 November 2022
TEA18361LT2 NXP-TEA18361LT2 Datasheet
369Kb / 27P
   GreenChip SMPS control IC
Rev. 1 - 21 November 2022
TEA18361LT NXP-TEA18361LT_V01 Datasheet
369Kb / 27P
   GreenChip SMPS control IC
Rev. 1 - 21 November 2022
More results

Similar Description - TEA18361LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com