Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1117 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV1117
Description  TLV1117 Adjustable and Fixed Low-Dropout Voltage Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1117 Datasheet(HTML) 3 Page - Texas Instruments

  TLV1117_15 Datasheet HTML 1Page - Texas Instruments TLV1117_15 Datasheet HTML 2Page - Texas Instruments TLV1117_15 Datasheet HTML 3Page - Texas Instruments TLV1117_15 Datasheet HTML 4Page - Texas Instruments TLV1117_15 Datasheet HTML 5Page - Texas Instruments TLV1117_15 Datasheet HTML 6Page - Texas Instruments TLV1117_15 Datasheet HTML 7Page - Texas Instruments TLV1117_15 Datasheet HTML 8Page - Texas Instruments TLV1117_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
INPUT
OUTPUT
ADJ/GND
DCY (SOT-223) PACKAGE
(TOP VIEW)
VOUT(2)
ADJ/GND
2
3
4
1
8
7
6
5
VIN(1)
VIN(1)
VIN(1)
VOUT(2)
VOUT(2)
NC
(1) VIN pins (2, 3, 4) must be connected together.
(2) VOUT pins (5, 6, 7) must be connected together.
VOUT
DRJ (QFN) PACKAGE
(TOP VIEW)
OUTPUT
INPUT
ADJ/GND
KCT, KCS (TO-220) PACKAGE
(TOP VIEW)
3
2
1
3
2
1
INPUT
OUTPUT
ADJ/GND
KTT (TO-263) PACKAGE
(TOP VIEW)
OUTPUT
INPUT
ADJ/GND
KVU (TO-252) PACKAGE
(TOP VIEW)
3
2
1
3
2
1
TLV1117
www.ti.com
SLVS561L – DECEMBER 2004 – REVISED OCTOBER 2014
6 Pin Configuration and Functions
Table 1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
KTT
KVU
DCY
DRJ
KCT
ADJ/GND
1
1
1
1
1
I/O
Output voltage adjustment pin. Connect to a resistor divider.
INPUT
3
3
3
2, 3, 4
3
I
Voltage input
OUTPUT
2
2
2
5, 6, 7
2
O
Voltage output
NC
-
-
-
8
-
-
No connect
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV1117


Similar Part No. - TLV1117_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117-15 TI-TLV1117-15 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15CDCY TI-TLV1117-15CDCY Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15CDCY TI1-TLV1117-15CDCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15CDCY TI-TLV1117-15CDCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-15CDCYG3 TI-TLV1117-15CDCYG3 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TLV1117_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
   Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Sipex Corporation
SPX2840 SIPEX-SPX2840 Datasheet
222Kb / 5P
   4A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com