Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA18363T Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TEA18363T
Description  GreenChip SMPS control IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA18363T Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA18363T Datasheet HTML 7Page - NXP Semiconductors TEA18363T Datasheet HTML 8Page - NXP Semiconductors TEA18363T Datasheet HTML 9Page - NXP Semiconductors TEA18363T Datasheet HTML 10Page - NXP Semiconductors TEA18363T Datasheet HTML 11Page - NXP Semiconductors TEA18363T Datasheet HTML 12Page - NXP Semiconductors TEA18363T Datasheet HTML 13Page - NXP Semiconductors TEA18363T Datasheet HTML 14Page - NXP Semiconductors TEA18363T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
TEA18363T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 12 December 2013
11 of 27
NXP Semiconductors
TEA18363T
GreenChip SMPS control IC
During system start-up, the maximum overpower is limited to 100 % and the maximum
time-out period is lowered to 40 ms. Once the output voltage is within its regulation level
(voltage on the CTRL pin is below 5 V), the maximum overpower is switched to 150 %
and the maximum time-out period returns to 200 ms limiting the output power to a
minimum at a shorted output. Lowering the maximum output power and shortening the
overpower timer ensure that the input power of the system is limited to < 5 W at a shorted
output.
Due to the limited output power, the output voltage drops if the load requires more than
150 %. As a result, the VCC voltage drops as well and UVLO can be triggered. To retain
the same response in an overpower situation (whether UVLO is triggered or not) the
system enters the protection mode (latch or safe restart) when overpower + UVLO is
detected. The system entering the protection mode does not depend on the value of the
OP counter.
7.6.2 OverVoltage Protection (OVP)
An accurate output OVP is implemented by measuring the voltage at the AUX pin during
the secondary stroke. As the auxiliary winding voltage is a well-defined replica of the
output voltage, the OVP level can be adjusted by the external resistor divider ratio
RAUX2 /(RAUX1 +RAUX2).
An internal counter of four gate pulses prevents false OVP detection which can occur
during ESD or lightning events.
7.6.3 OverTemperature Protection (OTP)
Integrated OTP ensures that the IC stops switching if the junction temperature exceeds
the thermal temperature shutdown limit. OTP is a latched protection.
7.6.4 Maximum on-time
The controller limits the on-time of the external MOSFET to 55
s. When the on-time is
longer, the IC stops switching and enters safe restart mode.
Fig 9.
Overpower protection curves


Similar Part No. - TEA18363T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA18363T NXP-TEA18363T Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA18363T/2 NXP-TEA18363T/2 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA18363T2 NXP-TEA18363T2 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
More results

Similar Description - TEA18363T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com