Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM10395 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UM10395
Description  UBA2014 evaluation board
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UM10395 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UM10395 Datasheet HTML 5Page - NXP Semiconductors UM10395 Datasheet HTML 6Page - NXP Semiconductors UM10395 Datasheet HTML 7Page - NXP Semiconductors UM10395 Datasheet HTML 8Page - NXP Semiconductors UM10395 Datasheet HTML 9Page - NXP Semiconductors UM10395 Datasheet HTML 10Page - NXP Semiconductors UM10395 Datasheet HTML 11Page - NXP Semiconductors UM10395 Datasheet HTML 12Page - NXP Semiconductors UM10395 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
UM10395
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 2 — 16 September 2010
9 of 25
NXP Semiconductors
UM10395
UBA2014 evaluation board
Fig 8.
Main board lamp connectors and experimenting area
019aaa255
X110
header 2
12
X111
header 2
12
X112
header 2
12
X113
header 2
X8
LAMP 4
MKDS 2.2/4-5.08
1
11
X6 TP
2
Y3
jumper
Y1
jumper
Y4
jumper
Y2
jumper
12
X9 TP
13
X11 TP
14
X13 TP
X21
LAMP 3
MKDS 2.2/4-5.08
11
X20 TP
12
X24 TP
13
X27 TP
14
X30 TP
X42
LAMP 2
MKDS 2.2/4-5.08
11
X38 TP
12
X41 TP
13
X46 TP
14
X49 TP
X56
LAMP 1
MKDS 2.2/4-5.08
11
X55 TP
12
X59 TP
13
X62 TP
14
X65 TP
1
X90 TP
1
X92 TP
1
X94 TP
1
X96 TP
1
X19 TP
X17 TP
1
SH
1
X23 TP
1
X26 TP
1
X29 TP
X31 TP
X18 TP
X22 TP
X25 TP
X28 TP
1
X15 TP
1
1
X37 TP
X35 TP
1
SH
1
X40 TP
1
X45 TP
1
X48 TP
X50 TP
X36 TP
X43 TP
X44 TP
X47 TP
1
1
X54 TP
X52 TP
1
SH
1
X58 TP
1
X61 TP
1
X64 TP
X66 TP
X53 TP
X57 TP
X60 TP
X63 TP
1


Similar Part No. - UM10395

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10317 PHILIPS-UM10317 Datasheet
344Kb / 11P
   PCA9633 demonstration board OM6282
Rev. 01-15 December 2008
UM10359 PHILIPS-UM10359 Datasheet
488Kb / 18P
   UBA2016AT HFTL demo board with boost and dimming
Rev. 1.1-1 July 2011
logo
STMicroelectronics
UM1036 STMICROELECTRONICS-UM1036 Datasheet
1Mb / 47P
   This document describes the 2 kW 3-phase motor control evaluation
logo
NXP Semiconductors
UM10360 NXP-UM10360 Datasheet
4Mb / 835P
   LPC17xx User manual
Rev. 01-4 January 2010
logo
STMicroelectronics
UM1037 STMICROELECTRONICS-UM1037 Datasheet
858Kb / 46P
   STM8L1528-EVAL evaluation board
More results

Similar Description - UM10395

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com