Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12N80L-TF2-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 12N80L-TF2-T
Description  N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N80L-TF2-T Datasheet(HTML) 1 Page - Unisonic Technologies

  12N80L-TF2-T Datasheet HTML 1Page - Unisonic Technologies 12N80L-TF2-T Datasheet HTML 2Page - Unisonic Technologies 12N80L-TF2-T Datasheet HTML 3Page - Unisonic Technologies 12N80L-TF2-T Datasheet HTML 4Page - Unisonic Technologies 12N80L-TF2-T Datasheet HTML 5Page - Unisonic Technologies 12N80L-TF2-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
12N80
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-594.G
12A, 800V
N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 12N80 is an N-channel enhancement mode power
MOSFET using UTC’s advanced technology to provide customers
with planar stripe and DMOS technology. This technology is
specialized in allowing a minimum on-state resistance and superior
switching performance. It also can withstand high energy pulse in
the avalanche and commutation mode.
The UTC 12N80 is universally applied in high efficiency switch
mode power supply.
FEATURES
* RDS(on) < 1.0 Ω @ VGS=10V
* High switching speed
* Improved dv/dt capability
* 100% avalanche tested
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
12N80L-T47-T
12N80G-T47-T
TO-247
G
D
S
Tube
12N80L-T3P-T
12N80G-T3P-T
TO-3P
G
D
S
Tube
12N80L-TC3-T
12N80G-TC3-T
TO-230
G
D
S
Tube
12N80L-TF2-T
12N80G-TF2-T
TO-220F2
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source
MARKING


Similar Part No. - 12N80L-TF2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N80L-TF1-T UTC-12N80L-TF1-T Datasheet
220Kb / 6P
   12A, 800V N-CHANNEL POWER MOSFET
12N80L-TF1-T UTC-12N80L-TF1-T Datasheet
202Kb / 6P
   12A, 800V N-CHANNEL POWER MOSFET
More results

Similar Description - 12N80L-TF2-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com