Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM10486 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # UM10486
Description  UBA2015P reference design 120 V (AC)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UM10486 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button UM10486 Datasheet HTML 6Page - NXP Semiconductors UM10486 Datasheet HTML 7Page - NXP Semiconductors UM10486 Datasheet HTML 8Page - NXP Semiconductors UM10486 Datasheet HTML 9Page - NXP Semiconductors UM10486 Datasheet HTML 10Page - NXP Semiconductors UM10486 Datasheet HTML 11Page - NXP Semiconductors UM10486 Datasheet HTML 12Page - NXP Semiconductors UM10486 Datasheet HTML 13Page - NXP Semiconductors UM10486 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
UM10486
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
User manual
Rev. 1.1 — 8 September 2011
10 of 18
NXP Semiconductors
UM10486
UBA2015P reference design 120 V (AC)
a. Line L
b. Line N
Fig 9.
EMI: conducted emission test results
1 PK
MAXH
2 AV
CLRWR
SGL
6DB
NXP Semiconductors
TDF
dBµV
dBµV
9 kHz
30 MHz
OVLD
MT
15 ms
RBW
9 kHz
PREAMP OFF
Att 20 dB
04.May 11 15:16
100 kHz
1 MHz
10 MHz
0
10
20
30
40
50
60
70
80
90
100
1
Marker 1 [T2 ]
61.79 dBµV
9.000000000 kHz
FCC15AVQ
FCC15BVQ
019aac486
(1)
(2)
NXP Semiconductors
1 PK
MAXH
2 AV
CLRWR
SGL
6DB
TDF
dBµV
dBµV
9 kHz
30 MHz
OVLD
MT
15 ms
04.May 11 15:36
RBW
9 kHz
PREAMP OFF
Att 20 dB
100 kHz
1 MHz
10 MHz
0
10
20
30
40
50
60
70
80
90
100
1
Marker 1 [T2 ]
60.66 dBµV
9.000000000 kHz
FCC15AVQ
FCC15BVQ
019aac487
(1)
(2)


Similar Part No. - UM10486

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1040 STMICROELECTRONICS-UM1040 Datasheet
896Kb / 19P
   STEVAL-SPIMD20 demonstration kit based on the SPIMD20 integrated motor drive
logo
NXP Semiconductors
UM10406 NXP-UM10406 Datasheet
389Kb / 21P
   SSL1523 high power factor 5 W LED driver for universal
Rev. 01-3 August 2010
UM10409 PHILIPS-UM10409 Datasheet
962Kb / 25P
   120 V high power factor CFL reference board using the UBA2014T
Rev. 1-12 October 2010
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
   LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
UM10437 PHILIPS-UM10437 Datasheet
2Mb / 27P
   GreenChip 65 W TEA1738LT/T and TEA1703 demo board
Rev. 1-28 February 2011
More results

Similar Description - UM10486

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10466 PHILIPS-UM10466 Datasheet
1Mb / 18P
   UBA2015P reference design 230 V (AC)
Rev. 1.2-14 November 2011
UM10513 PHILIPS-UM10513 Datasheet
1Mb / 26P
   UBA2015AT Reference Design 120 V (AC)
Rev. 1.1-31 January 2012
UM10440 PHILIPS-UM10440 Datasheet
1Mb / 25P
   UBA2015AT Reference Design 230 V (AC)
Rev. 1.1-3 February 2012
logo
Cirrus Logic
CRD4299-1 CIRRUS-CRD4299-1 Datasheet
4Mb / 30P
   AC 97 AMR Reference Design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
STMicroelectronics
STEVAL-ISS001V1 STMICROELECTRONICS-STEVAL-ISS001V1 Datasheet
113Kb / 4P
   Line interactive 450 W UPS reference design - 120 V / 60 Hz model
logo
Cirrus Logic
CRD4202-1 CIRRUS-CRD4202-1 Datasheet
932Kb / 24P
   AC 97 Six Channel CNR Audio Reference Design
logo
NXP Semiconductors
UM10561 PHILIPS-UM10561 Datasheet
1Mb / 24P
   UBA2017AT reference design for 420 V (DC)
Rev. 1-13 August 2012
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com