Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM10513 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UM10513
Description  UBA2015AT Reference Design 120 V (AC)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UM10513 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UM10513 Datasheet HTML 7Page - NXP Semiconductors UM10513 Datasheet HTML 8Page - NXP Semiconductors UM10513 Datasheet HTML 9Page - NXP Semiconductors UM10513 Datasheet HTML 10Page - NXP Semiconductors UM10513 Datasheet HTML 11Page - NXP Semiconductors UM10513 Datasheet HTML 12Page - NXP Semiconductors UM10513 Datasheet HTML 13Page - NXP Semiconductors UM10513 Datasheet HTML 14Page - NXP Semiconductors UM10513 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
UM10513
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
User manual
Rev. 1.1 — 31 January 2012
11 of 26
NXP Semiconductors
UM10513
UBA2015AT Reference Design 120 V (AC)
(1) LC tank voltage.
(2) Ifil.
Fig 10. Half-bridge frequency response with lamp not ignited
aaa-001536
f (kHz)
40
100
80
60
0.4
0.6
0.2
0.8
1.0
current
(A)
0
0.8
1.2
0.4
1.6
2.0
Voltage
(kV)
0
(1)
(2)


Similar Part No. - UM10513

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10512 NXP-UM10512 Datasheet
583Kb / 20P
   GreenChip controller for LED lighting
Rev. 3-4 June 2012
More results

Similar Description - UM10513

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10440 PHILIPS-UM10440 Datasheet
1Mb / 25P
   UBA2015AT Reference Design 230 V (AC)
Rev. 1.1-3 February 2012
UM10486 PHILIPS-UM10486 Datasheet
601Kb / 18P
   UBA2015P reference design 120 V (AC)
Rev. 1.1-8 September 2011
UM10466 PHILIPS-UM10466 Datasheet
1Mb / 18P
   UBA2015P reference design 230 V (AC)
Rev. 1.2-14 November 2011
logo
Cirrus Logic
CRD4299-1 CIRRUS-CRD4299-1 Datasheet
4Mb / 30P
   AC 97 AMR Reference Design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
STMicroelectronics
STEVAL-ISS001V1 STMICROELECTRONICS-STEVAL-ISS001V1 Datasheet
113Kb / 4P
   Line interactive 450 W UPS reference design - 120 V / 60 Hz model
logo
Cirrus Logic
CRD4202-1 CIRRUS-CRD4202-1 Datasheet
932Kb / 24P
   AC 97 Six Channel CNR Audio Reference Design
logo
NXP Semiconductors
UM10561 PHILIPS-UM10561 Datasheet
1Mb / 24P
   UBA2017AT reference design for 420 V (DC)
Rev. 1-13 August 2012
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com