Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12N60G-TA3-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 12N60G-TA3-T
Description  N-CHANNEL JUNCTION FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N60G-TA3-T Datasheet(HTML) 7 Page - Unisonic Technologies

  12N60G-TA3-T Datasheet HTML 1Page - Unisonic Technologies 12N60G-TA3-T Datasheet HTML 2Page - Unisonic Technologies 12N60G-TA3-T Datasheet HTML 3Page - Unisonic Technologies 12N60G-TA3-T Datasheet HTML 4Page - Unisonic Technologies 12N60G-TA3-T Datasheet HTML 5Page - Unisonic Technologies 12N60G-TA3-T Datasheet HTML 6Page - Unisonic Technologies 12N60G-TA3-T Datasheet HTML 7Page - Unisonic Technologies 12N60G-TA3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
12N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-170.K
TYPICAL CHARACTERISTICS
-55°C
25°C
101
100
10-1
24
6
8
10
Gate-Source Voltage, VGS (V)
Transfer Characteristics
Notes:
250µs Pulse Test
TC=25°C
Top:
VGS
15V
10V
8.0V
7.0V
6.5V
6.0V
Bottom: 5.5V
101
100
10-1
100
101
Drain-Source Voltage, VGS (V)
On-Resign Characteristics
150°C
Notes:
1.VDS=50V
2.250µs Pulse Test


Similar Part No. - 12N60G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N60G-TA3-T UTC-12N60G-TA3-T Datasheet
371Kb / 7P
   12A, 600V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
12N60G-TA3-T VBSEMI-12N60G-TA3-T Datasheet
2Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - 12N60G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TF222 SANYO-TF222 Datasheet
51Kb / 4P
   N-channel Junction FET
logo
List of Unclassifed Man...
2N5432 ETC-2N5432 Datasheet
226Kb / 2P
   N CHANNEL JUNCTION FET
RJN1164 ETC1-RJN1164 Datasheet
175Kb / 4P
   N-Channel Junction FET
logo
Panasonic Semiconductor
XP1D874 PANASONIC-XP1D874 Datasheet
28Kb / 2P
   N-channel junction FET
logo
Micro Electronics
BF245 MICRO-ELECTRONICS-BF245 Datasheet
47Kb / 1P
   N-CHANNEL JUNCTION FET
logo
NXP Semiconductors
BF862 NXP-BF862_00 Datasheet
87Kb / 12P
   N-channel junction FET
2000 Jan 05
logo
Unisonic Technologies
2SK2751 UTC-2SK2751_07 Datasheet
71Kb / 4P
   N-CHANNEL JUNCTION FET
logo
Quanzhou Jinmei Electro...
BF862 JMNIC-BF862_15 Datasheet
87Kb / 12P
   N-channel junction FET
logo
Unisonic Technologies
ISL9V3040D3S UTC-ISL9V3040D3S_15 Datasheet
199Kb / 4P
   N-CHANNEL JUNCTION FET
logo
AUK corp
STK596M AUK-STK596M Datasheet
342Kb / 5P
   N-Channel Junction FET
logo
List of Unclassifed Man...
FN22 ETC1-FN22 Datasheet
221Kb / 2P
   N-CHANNEL JUNCTION FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com