Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11N50 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 11N50
Description  N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

11N50 Datasheet(HTML) 1 Page - Unisonic Technologies

  11N50_15 Datasheet HTML 1Page - Unisonic Technologies 11N50_15 Datasheet HTML 2Page - Unisonic Technologies 11N50_15 Datasheet HTML 3Page - Unisonic Technologies 11N50_15 Datasheet HTML 4Page - Unisonic Technologies 11N50_15 Datasheet HTML 5Page - Unisonic Technologies 11N50_15 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
11N50
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-462.d
11A, 500V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 11N50 is an N-channel enhancement mode power
MOSFET. It uses UTC advanced planar stripe, DMOS technology to
provide customers perfect switching performance, minimal on-state
resistance. It also can withstand high energy pulse in the avalanche
and commutation mode.
The UTC 11N50 is universally applied in electronic lamp
ballasts based on half bridge topology, high efficiency switched
mode power supplies, active power factor correction, etc.
FEATURES
* RDS(ON)=0.55Ω @ VGS=10V
* Fast Switching
* With 100% Avalanche Tested
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
TO-220F
TO-220F1
TO-262
1
1
1
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
11N50L-TA3-T
11N50G-TA3-T
TO-220
G
D
S
Tube
11N50L-TF1-T
11N50G-TF1-T
TO-220F1
G
D
S
Tube
11N50L-TF3-T
11N50G-TF3-T
TO-220F
G
D
S
Tube
11N50L-T2Q-T
11N50G-T2Q-T
TO-262
G
D
S
Tube


Similar Part No. - 11N50_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
11N50 UTC-11N50_11 Datasheet
185Kb / 6P
   11A, 500V N-CHANNEL POWER MOSFET
More results

Similar Description - 11N50_15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com