Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N80L-T2Q-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 4N80L-T2Q-T
Description  N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N80L-T2Q-T Datasheet(HTML) 6 Page - Unisonic Technologies

  4N80L-T2Q-T Datasheet HTML 1Page - Unisonic Technologies 4N80L-T2Q-T Datasheet HTML 2Page - Unisonic Technologies 4N80L-T2Q-T Datasheet HTML 3Page - Unisonic Technologies 4N80L-T2Q-T Datasheet HTML 4Page - Unisonic Technologies 4N80L-T2Q-T Datasheet HTML 5Page - Unisonic Technologies 4N80L-T2Q-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4N80
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-505.F
TYPICAL CHARACTERISTICS
Drain Current vs. Drain-Source
Breakdown Voltage
Drain-Source Breakdown Voltage, BVDSS (V)
0
Drain Current vs. Gate Threshold Voltage
Gate Threshold Voltage, VTH (V)
25
13
0
50
100
150
200
250
300
0
200
600
800 1000
400
0
50
100
150
200
250
300
1200
4
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 4N80L-T2Q-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N80L-TA3-T UTC-4N80L-TA3-T Datasheet
165Kb / 6P
   4.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
4N80L-TA3-T UTC-4N80L-TA3-T Datasheet
201Kb / 6P
   4.0A, 800V N-CHANNEL POWER MOSFET
4N80L-TF1-T UTC-4N80L-TF1-T Datasheet
165Kb / 6P
   4.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
4N80L-TF1-T UTC-4N80L-TF1-T Datasheet
201Kb / 6P
   4.0A, 800V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
4N80L-TF1-T VBSEMI-4N80L-TF1-T Datasheet
1Mb / 9P
   Power MOSFET
More results

Similar Description - 4N80L-T2Q-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com