Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC651DDVUA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC651DDVUA
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC651DDVUA Datasheet(HTML) 3 Page - Microchip Technology

  TC651DDVUA Datasheet HTML 1Page - Microchip Technology TC651DDVUA Datasheet HTML 2Page - Microchip Technology TC651DDVUA Datasheet HTML 3Page - Microchip Technology TC651DDVUA Datasheet HTML 4Page - Microchip Technology TC651DDVUA Datasheet HTML 5Page - Microchip Technology TC651DDVUA Datasheet HTML 6Page - Microchip Technology TC651DDVUA Datasheet HTML 7Page - Microchip Technology TC651DDVUA Datasheet HTML 8Page - Microchip Technology TC651DDVUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21450B-page 3
TC650/TC651
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Input Voltage (VDD to GND) ...................................+6V
Output Voltage (OUT to GND) ................................. 6V
Voltage On Any Pin ....... (GND – 0.3V) to (VDD +0.3V)
Package Thermal Resistance (
θJA ) ..............250°C/W
Operating Temperature Range .......... -40
°Cto+125°C
Storage Temperature ......................... -65
°Cto+150°C
*Stresses above those listed under "Absolute Maximum Rat-
ings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at
these or any other conditions above those indicated in the
operation sections of the specifications is not implied. Expo-
sure to Absolute Maximum Rating conditions for extended
periods may affect device reliability.
TC650/TC651 ELECTRICAL SPECIFICATIONS
Note 1: Transition from 90% to 100% Duty Cycle.
Electrical Characteristics: VDD = 2.8V to 5.5V, SHDN =VDD,TA =-40°Cto 125°C unless otherwise specified.
Symbol
Parameter
Min
Typ.
Max
Units
Test Conditions
VDD
Supply Voltage
2.8
5.5
V
IDD
Supply Current
50
90
µAPWM, T
OVER are open
SHDN Input
VIH
SHDN Input High Threshold
65
%VDD
VIL
SHDN Input Low Threshold
15
%VDD
PWM Output
VOL
PWM Output Low Voltage
0.3
V
ISINK =1mA
VOH
PWM Output High Voltage
VDD -0.5
V
ISOURCE =5mA
tR
PWM Rise Time
10
µsec IOH =5mA,1nF from
PWM to GND
tF
PWM Fall Time
10
µsec IOL =1mA,1nF from
PWM to GND
fOUT
PWM Frequency
10
15
Hz
tSTARTUP
Start-up Time
32/fOUT
—sec
VDD Rises from GND,
or SHDN Released
Temperature Accuracy
TH ACC
High Temperature Accuracy
TH –3
TH
TH +3
°C
Note 1
(TH –TL) ACC Temp. Range Accuracy
-1.0
+1.0
°C(TH -TL) ≤ 20°C
-2.5
+2.5
°C(TH -TL) ≥ 20°C
THYST
Auto-shutdown Hysteresis
(TH -TL)/5
°CTC651 Only
TOVER Output
VHIGH
TOVER Output High Voltage
VDD -0.5
V
ISOURCE =1.2mA
VLOW
TOVER Output Low Voltage
0.4
V
ISINK =2.5mA
TOVER ACC
Absolute Accuracy
TH +10
°C
At Trip Point
TOVER HYST
Trip Point Hysteresis
5
°C


Similar Part No. - TC651DDVUA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TC651 STMICROELECTRONICS-TC651 Datasheet
210Kb / 16P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
logo
Microchip Technology
TC651 MICROCHIP-TC651 Datasheet
262Kb / 18P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
TC651 MICROCHIP-TC651 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC651 MICROCHIP-TC651 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
logo
STMicroelectronics
TC651ACUA STMICROELECTRONICS-TC651ACUA Datasheet
210Kb / 16P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
More results

Similar Description - TC651DDVUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
logo
STMicroelectronics
TC650 STMICROELECTRONICS-TC650_04 Datasheet
210Kb / 16P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
logo
Microchip Technology
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
TC648 MICROCHIP-TC648 Datasheet
602Kb / 28P
   Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
2002
TC648 MICROCHIP-TC648_13 Datasheet
364Kb / 28P
   Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
11/29/12
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com