Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N80G-TF2-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 4N80G-TF2-T
Description  N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N80G-TF2-T Datasheet(HTML) 3 Page - Unisonic Technologies

  4N80G-TF2-T Datasheet HTML 1Page - Unisonic Technologies 4N80G-TF2-T Datasheet HTML 2Page - Unisonic Technologies 4N80G-TF2-T Datasheet HTML 3Page - Unisonic Technologies 4N80G-TF2-T Datasheet HTML 4Page - Unisonic Technologies 4N80G-TF2-T Datasheet HTML 5Page - Unisonic Technologies 4N80G-TF2-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4N80
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-505.F
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
800
V
Breakdown Voltage Temperature Coefficient ΔBVDSS/ΔTJ ID=250μA,Referenced to 25°C
950
mV/°C
Drain-Source Leakage Current
IDSS
VDS=800V, VGS=0V
10
µA
VDS=640V, TC=125°C
100
µA
Gate-Source Leakage Current
Forward
IGSS
VDS=0V ,VGS=30V
100
nA
Reverse
VDS=0V ,VGS=-30V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3.0
5.0
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=2A
2.3
3.0
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V,VGS=0V,f=1.0MHz
680
880
pF
Output Capacitance
COSS
75
100
pF
Reverse Transfer Capacitance
CRSS
8.6
12
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VDS=640V, VGS=10V,
ID=4A (Note 1,2)
19
25
nC
Gate-Source Charge
QGS
4.2
nC
Gate-Drain Charge
QGD
9.1
nC
Turn-ON Delay Time
tD(ON)
VDD=400V, ID=4A,
RG=25Ω (Note 1,2)
16
40
ns
Turn-ON Rise Time
tR
45
100
ns
Turn-OFF Delay Time
tD(OFF)
35
80
ns
Turn-OFF Fall Time
tF
35
80
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
4
A
Maximum Body-Diode Pulsed Current
ISM
16
A
Drain-Source Diode Forward Voltage
VSD
IS =4A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
trr
VGS=0V, IS=4A,
dIF/dt=100A/μs (Note 1)
575
ns
Body Diode Reverse Recovery Charge
QRR
3.65
μC
Note: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


Similar Part No. - 4N80G-TF2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N80G-TF1-T UTC-4N80G-TF1-T Datasheet
165Kb / 6P
   4.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
4N80G-TF1-T UTC-4N80G-TF1-T Datasheet
201Kb / 6P
   4.0A, 800V N-CHANNEL POWER MOSFET
4N80G-TF3-T UTC-4N80G-TF3-T Datasheet
165Kb / 6P
   4.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
4N80G-TF3-T UTC-4N80G-TF3-T Datasheet
201Kb / 6P
   4.0A, 800V N-CHANNEL POWER MOSFET
More results

Similar Description - 4N80G-TF2-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com