Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N65G-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 1N65G-TA3-T
Description  N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N65G-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  1N65G-TA3-T Datasheet HTML 1Page - Unisonic Technologies 1N65G-TA3-T Datasheet HTML 2Page - Unisonic Technologies 1N65G-TA3-T Datasheet HTML 3Page - Unisonic Technologies 1N65G-TA3-T Datasheet HTML 4Page - Unisonic Technologies 1N65G-TA3-T Datasheet HTML 5Page - Unisonic Technologies 1N65G-TA3-T Datasheet HTML 6Page - Unisonic Technologies 1N65G-TA3-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-579.E
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
-
1N65G-AA3-R
SOT-223
G
D
S
-
-
-
-
-
Tape Reel
1N65L-TA3-T
1N65G-TA3-T
TO-220
G
D
S
-
-
-
-
-
Tube
1N65L-TF3-T
1N65G-TF3-T
TO-220F
G
D
S
-
-
-
-
-
Tube
1N65L-TM3-T
1N65G-TM3-T
TO-251
G
D
S
-
-
-
-
-
Tube
1N65L-TMA-T
1N65G-TMA-T
TO-251L
G
D
S
-
-
-
-
-
Tube
1N65L-TN3-R
1N65G-TN3-R
TO-252
G
D
S
-
-
-
-
-
Tape Reel
1N65L-T60-K
1N65G-T60-K
TO-126
G
D
S
-
-
-
-
-
Bulk
1N65L-T92-B
1N65G-T92-B
TO-92
G
D
S
-
-
-
-
-
Tape Box
1N65L-T92-K
1N65G-T92-K
TO-92
G
D
S
-
-
-
-
-
Bulk
-
1N65G-K08-5060-R
DFN-8(5×6)
S
S
S
G
D
D
D
D
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source
MARKING
PACKAGE
MARKING
SOT-223
TO-220
TO-220F
TO-251
TO-251L
TO-252
TO-126
TO-92
DFN-8(5×6)


Similar Part No. - 1N65G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N65G-TA3-T UTC-1N65G-TA3-T Datasheet
297Kb / 6P
   1.2A, 650V N-CHANNEL POWER MOSFET
More results

Similar Description - 1N65G-TA3-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com