Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16C57 Datasheet(PDF) 1 Page - Microchip Technology

Part # 16C57
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
Download  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16C57 Datasheet(HTML) 1 Page - Microchip Technology

  16C57 Datasheet HTML 1Page - Microchip Technology 16C57 Datasheet HTML 2Page - Microchip Technology 16C57 Datasheet HTML 3Page - Microchip Technology 16C57 Datasheet HTML 4Page - Microchip Technology 16C57 Datasheet HTML 5Page - Microchip Technology 16C57 Datasheet HTML 6Page - Microchip Technology 16C57 Datasheet HTML 7Page - Microchip Technology 16C57 Datasheet HTML 8Page - Microchip Technology 16C57 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 217 page
background image
M
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 1
PIC16C5X
Devices Included in this Data Sheet:
• PIC16C52
• PIC16C54s
• PIC16CR54s
• PIC16C55s
• PIC16C56s
• PIC16CR56s
• PIC16C57s
• PIC16CR57s
• PIC16C58s
• PIC16CR58s
High-Performance RISC CPU:
• Only 33 single word instructions to learn
• All instructions are single cycle (200 ns) except for
program branches which are two-cycle
• Operating speed: DC - 20 MHz clock input
DC - 200 ns instruction cycle
Note:
The letter "s" used following the part
numbers throughout this document
indicate plural, meaning there is more
than one part variety for the indicated
device.
Device
Pins
I/O
EPROM/
ROM
RAM
PIC16C52
18
12
384
25
PIC16C54
18
12
512
25
PIC16C54A
18
12
512
25
PIC16C54B
18
12
512
25
PIC16C54C
18
12
512
25
PIC16CR54A
18
12
512
25
PIC16CR54B
18
12
512
25
PIC16CR54C
18
12
512
25
PIC16C55
28
20
512
24
PIC16C55A
28
20
512
24
PIC16C56
18
12
1K
25
PIC16C56A
18
12
1K
25
PIC16CR56A
18
12
1K
25
PIC16C57
28
20
2K
72
PIC16C57C
28
20
2K
72
PIC16CR57B
28
20
2K
72
PIC16CR57C
28
20
2K
72
PIC16C58A
18
12
2K
73
PIC16C58B
18
12
2K
73
PIC16CR58A
18
12
2K
73
PIC16CR58B
18
12
2K
73
• 12-bit wide instructions
• 8-bit wide data path
• Seven or eight special function hardware registers
• Two-level deep hardware stack
• Direct, indirect and relative addressing modes for
data and instructions
Peripheral Features:
• 8-bit real time clock/counter (TMR0) with 8-bit
programmable prescaler
• Power-On Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with its own on-chip
RC oscillator for reliable operation
• Programmable code-protection
• Power saving SLEEP mode
• Selectable oscillator options:
- RC:
Low-cost RC oscillator
- XT:
Standard crystal/resonator
- HS:
High-speed crystal/resonator
- LP:
Power saving, low-frequency crystal
CMOS Technology:
• Low-power, high-speed CMOS EPROM/ROM
technology
• Fully static design
• Wide-operating voltage and temperature range:
- EPROM Commercial/Industrial 2.0V to 6.25V
- ROM Commercial/Industrial 2.0V to 6.25V
- EPROM Extended 2.5V to 6.0V
- ROM Extended 2.5V to 6.0V
• Low-power consumption
- < 2 mA typical @ 5V, 4 MHz
- 15
µA typical @ 3V, 32 kHz
- < 0.6
µA typical standby current
(with WDT disabled) @ 3V, 0
°C to 70°C
Note:
In this document, figure and table titles
refer to all varieties of the part number
indicated, (i.e., The title "Figure 14-1:
Load Conditions - PIC16C54A", also
refers to PIC16LC54A and PIC16LV54A
parts).
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series


Similar Part No. - 16C57

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
16C505 MICROCHIP-16C505 Datasheet
602Kb / 80P
   14-Pin, 8-Bit CMOS Microcontroller
1998
logo
Texas Instruments
16C550 TI-16C550 Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
16C552 TI-16C552 Datasheet
455Kb / 33P
[Old version datasheet]   DUAL ASYCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
logo
IMP, Inc
16C552 IMP-16C552 Datasheet
23Kb / 2P
   Dual FIFO UART and Parallel Port
logo
Microchip Technology
16C554 MICROCHIP-16C554 Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
More results

Similar Description - 16C57

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
PIC16C57CJW MICROCHIP-PIC16C57CJW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57C-20I MICROCHIP-PIC16C57C-20I Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C57-RCI MICROCHIP-PIC16C57-RCI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
   EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com