Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8707E Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8707E
Description  Clock Generator with Dual PLLs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8707E Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM8707E Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8707E Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SM8707E/F
SEIKO NPC CORPORATION - 7
SM8707F
fXTAL=27.0000MHz, VDD=3.3V±0.3V, VSS=0V, Ta=-40 to +85C unless otherwise noted.
Rating
Parameter
Symbol
Pins
Condition
MIN
TYP
MAX
Unit
External input clock
frequency*1
fXTI
XTI
Applies to external clock input
use only
-
27.0000
-
MHz
MO1,SO1,
SO2
CL=25pF, transition between
VOL=0.2VDD and VOH=0.8VDD
-
2.0
-
Output clock
rise time*2
tr
AO1,AO2
CL=15pF, transition between
VOL=0.2VDD and VOH=0.8VDD
-
2.0
-
ns
MO1,SO1,
SO2
CL=25pF, transition between
VOH=0.8VDD and VOL=0.2VDD
-
2.0
-
Output clock
fall time*2
tf
AO1,AO2
CL=15pF, transition between
VOH=0.8VDD and VOL=0.2VDD
-
2.0
-
ns
MO1
-
20
-
SO1,SO2
Ta=25℃,CL=25pF,VO=0.5VDD
-
40
-
Output clock jitter*3
tjitter
(1-sigma)
AO1,AO2
Ta=25℃,CL=15pF,VO=0.5VDD
-
40
-
ps
MO1,SO1,
SO2
Ta=25℃,CL=25pF,VO=0.5VDD
45
50
55
Output clock
duty cycle*2
Dt
AO1,AO2
Ta=25℃,CL=15pF,VO=0.5VDD
45
50
55
%
Settling time*2
ts
All outputs
excluding XTO
-
-
1
s
Power-up time*2*4
tp
All outputs
excluding XTO
-
1
5
ms
*1. When using an external clock input, the XTI duty should be 50% with 3.3V clock signal amplitude level. The input signal
voltage should not exceed the absolute maximum rating, otherwise damage may occur.
*2. The numeric values are measured values obtained using the circuit in Figure 1 and the NPC standard evaluation board.
*3. The numeric values are measured values obtained using the circuit in Figure 2 and the NPC standard evaluation board.
*4. This is the time, after the supply is turned ON from the OFF state, until the output clock reaches ±0.1% of the specified
frequency.
Active Probe
(HP1152A)
Oscilloscope
(Infinium
HP54845A)
Passive
Probe
(HP10435A)
Frequency &
Time Interval
Analyzer
(HP5371A)
DUT
27MHz
DUT:Device under test
Active Probe
(HP54701A)
Oscilloscope
(HP54720D
+ HP54721A)
Jitter
Measurement
System
(ASA,M1)
DUT
27MHz
DUT:Device under test
Figure 1. Measurement circuit 1
Figure 2. Measurement circuit 2


Similar Part No. - SM8707E

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8707EV NPC-SM8707EV Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
More results

Similar Description - SM8707E

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8707 NPC-SM8707 Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
logo
Analog Devices
AD9577 AD-AD9577 Datasheet
672Kb / 44P
   Clock Generator with Dual PLLs
REV. 0
AD9577 AD-AD9577_16 Datasheet
746Kb / 44P
   Clock Generator with Dual PLLs, Spread Spectrum, and Margining
logo
Texas Instruments
CDC5806 TI1-CDC5806_15 Datasheet
340Kb / 13P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR
logo
Integrated Circuit Syst...
MK2049-02 ICST-MK2049-02 Datasheet
148Kb / 12P
   Communications Clock PLLs
logo
Maxim Integrated Produc...
MAX9471 MAXIM-MAX9471 Datasheet
3Mb / 13P
   Multiple-Output Clock Generators with Dual PLLs and OTP
Rev 1; 8/06
logo
Texas Instruments
LMK04208 TI1-LMK04208 Datasheet
1Mb / 138P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
[Old version datasheet]   Precision Clock Conditioner with Dual PLLs and Integrated VCO
logo
National Semiconductor ...
LMK04800 NSC-LMK04800_14 Datasheet
3Mb / 79P
   Low-Noise Clock Jitter Cleaner with Dual Loop PLLs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com