Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM3600AP Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM3600AP
Description  Magnetic Sensor Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3600AP Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM3600AP Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 9Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 10Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SM3600AP
SEIKO NPC CORPORATION - 10
DESIGN PRECAUTIONS
Effect of Bias Magnet and Magnetic Field
The SM3600AP is equipped with a bias magnet. The SM3600AP functions and performance are susceptible to the effects of external
magnetic fields, especially in the magnetic detection direction (Y axis in the following figure), which should be taken into consideration
when designing detection mechanisms. When using a multi SM3600AP arrangement, maintain an interval of 40 mm (min) between
devices along theYaxis to prevent mutual interference between the bias magnets. Devices may be placed closer along the X axis.
Multi SM3600AP arrangement example
Effect on Magnetic Field Due to Static Electricity
When the transport system is moving non-conductive objects, such as paper, across the device surface, the object may become
electrostatically charged by the carrying mechanism material. The SM3600AP can detect the momentary magnetic field generated by
current flowing during an electrostatic discharge, which may appear as output noise. Accordingly, anti-static measures should be taken into
consideration when designing detection mechanisms. When covering the SM3600AP package surface, the use of non-insulating materials,
such as conductive resin material or non-magnetic metals, is recommended.
≥ 40mm
Y axis (magnetic detection direction)


Similar Part No. - SM3600AP

ManufacturerPart #DatasheetDescription
logo
Dc Components
SM360 DCCOM-SM360 Datasheet
389Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DB Unlimited.
SM360132-1 DBUNLIMITED-SM360132-1 Datasheet
756Kb / 1P
   Released from Engineering
SM3604100-1 DBUNLIMITED-SM3604100-1 Datasheet
337Kb / 1P
   Update Storage / Op Temps
SM360416-1 DBUNLIMITED-SM360416-1 Datasheet
796Kb / 1P
   Released from Engineering
SM360416-2 DBUNLIMITED-SM360416-2 Datasheet
773Kb / 1P
   Released from Engineering
More results

Similar Description - SM3600AP

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PCC12320 CELDUC-PCC12320 Datasheet
546Kb / 2P
   Magnetic sensor
logo
NXP Semiconductors
KMZ49 NXP-KMZ49 Datasheet
134Kb / 13P
   Magnetic field sensor
Rev. 1-31 October 2011
KMZ10C PHILIPS-KMZ10C Datasheet
69Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ11B1 PHILIPS-KMZ11B1 Datasheet
64Kb / 8P
   Magnetic field sensor
1996 Dec 11
KMZ41 PHILIPS-KMZ41 Datasheet
60Kb / 12P
   Magnetic field sensor
2000 Apr 18
logo
celduc-relais
PBA10010 CELDUC-PBA10010 Datasheet
302Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PCC26720 CELDUC-PCC26720 Datasheet
366Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PLA12435U CELDUC-PLA12435U Datasheet
320Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PTA10490 CELDUC-PTA10490 Datasheet
423Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PTA80020 CELDUC-PTA80020 Datasheet
448Kb / 2P
   MAGNETIC PROXIMITY SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com