Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM1350ADJM Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM1350ADJM
Description  High Tone Quality Melody IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1350ADJM Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM1350ADJM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1350ADJM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1350ADJM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1350ADJM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1350ADJM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1350ADJM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1350ADJM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1350ADJM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM1350ADJM Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SM1350ADJM
SEIKO NPC CORPORATION - 6
AC Characteristics
Ta=25C,VDD=3.0V or 5.0V,VSS=0V unless otherwise noted.
Rating
Parameter
Symbol
Condition
MIN
TYP
MAX
Unit
Initialization clear time
tICW
1.0
µsec
ICN-STN time to spare
tSS
10
µsec
STN pulse width
tSTW
81921
µsec
Clock frequency*1
fXTI
3.8
4.0
4.2
MHz
Clock duty cycle*1
RXTI
40
50
60
%
Oscillator stop time
tXEN
180224
196608
µsec
D/A converter rise delay time
tDAST
40000
81921
163842
µsec
D/A converter fall delay time
tDAEN
180224
196608
µsec
Standby chattering prevention time
tCH1
STN,STOP
Time after oscillator start
40000
81921
163842
µsec
Oscillator chattering prevention time
tCH2
STN,STOP
65537
81921
µsec
Melody select chattering prevention time
tCH3
S0~S3
Applied level hold melody mode
65536
131072
µsec
MODE、LH read timing
tMR
10000
15875
31750
µsec
S0 to S3 read timing
tSR
10000
31875
63750
µsec
BUSYN fall delay time
tBYST
4096
8192
16384
µsec
BUSYN rise delay time*2
tBYEN
8192
µsec
Melody start delay time
tPYST
8192
16384
32768
µsec
STOP pulse width
tSTPW
81921
µsec
ENDN delay time
tEDST
8192
µsec
ENDN pulse width
tEDW
8
16
32
µsec
*1. These are ratings when clock signals are input from the outside to XT pin.
*2. The time taken for fast damping to reduce the envelope to 0 level.
Note. Input signal should be risen or fallen to the following time or less.
90%
10%
1ms
90%
10%
1ms
Input Signal


Similar Part No. - SM1350ADJM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1350AAQM NPC-SM1350AAQM Datasheet
476Kb / 16P
   High Tone Quality Melody IC
More results

Similar Description - SM1350ADJM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1350AAQM NPC-SM1350AAQM Datasheet
476Kb / 16P
   High Tone Quality Melody IC
SM1350 NPC-SM1350 Datasheet
214Kb / 21P
   High Tone Quality Melody LSI
SM1131 NPC-SM1131 Datasheet
460Kb / 20P
   High Sound Quality Multi Melody IC
logo
List of Unclassifed Man...
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
   DUAL-TONE MELODY GENERATOR
SD995 ETC1-SD995 Datasheet
1Mb / 5P
   DUAL TONE MELODY GENERATOR
logo
BOWIN ELECTRONIC CO.
UM88T-19L BOWIN-UM88T-19L Datasheet
26Kb / 2P
   Dual-tone Melody Generator
logo
Unisonic Technologies
15600 UTC-15600_15 Datasheet
171Kb / 6P
   MELODY IC
logo
Nippon Precision Circui...
M1105 NPC-M1105 Datasheet
92Kb / 2P
   Melody IC
logo
Unisonic Technologies
15600 UTC-15600 Datasheet
164Kb / 6P
   MELODY IC
1668 UTC-1668_18 Datasheet
151Kb / 5P
   DUAL TONE MELODY XMAS LIGHT CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com