Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74A4-50VAT Datasheet(PDF) 4 Page - Microchip Technology

Part # TC74A4-50VAT
Description  Tiny Serial Digital Thermal Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC74A4-50VAT Datasheet(HTML) 4 Page - Microchip Technology

  TC74A4-50VAT Datasheet HTML 1Page - Microchip Technology TC74A4-50VAT Datasheet HTML 2Page - Microchip Technology TC74A4-50VAT Datasheet HTML 3Page - Microchip Technology TC74A4-50VAT Datasheet HTML 4Page - Microchip Technology TC74A4-50VAT Datasheet HTML 5Page - Microchip Technology TC74A4-50VAT Datasheet HTML 6Page - Microchip Technology TC74A4-50VAT Datasheet HTML 7Page - Microchip Technology TC74A4-50VAT Datasheet HTML 8Page - Microchip Technology TC74A4-50VAT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC74
DS21462B-page 4
© 2002 Microchip Technology Inc.
TC74 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: VDD =3.3V or 5.0V (Note 5),-40°C ≤ TA ≤ 125°C, CL = 80pF unless otherwise noted.
Serial Port AC Timing
Symbol
Parameter
Min
Typ.
Max
Unit
Test Conditions
fSMB
SMBus Clock Frequency
10
100
kHz
tLOW
Low Clock Period
4.7
µsec
10% to 10%
tHIGH
High Clock Period
4
µsec
90% to 90%
tR
tF
SMBus Rise Time
SMBus Fall Time
1000
300
nsec
nsec
10% to 90%
90% to10%
tSU(START)
START Condition Setup Time
(for repeated START Condition)
4—
µsec
90% SCLK to 10% SDA
tH(START)
START Condition Hold Time
4
µsec
tSU-DATA
Data In Setup Time
1000
nsec
tH-DATA
Data In Hold Time
1250
nsec
tSU(STOP)
STOP Condition Setup Time
4
µsec
tIDLE
Bus Free Time Prior to New Tran-
sition
4.7
µsec
tPOR
Power-on Reset Delay
500
µsec
VDD ≥ VPOR (Rising Edge)
Note
1:
Operating current is an average value integrated over multiple conversion cycles. Transient current may exceed this specification.
2:
Maximum ensured conversion time after Power-on Reset (POR to DATA_RDY) is 250 msec.
3:
Output current should be minimized for best temperature accuracy. Power dissipation within the TC74 will cause self-heating and
temperature drift error.
4:
SDA and SCLK must be connected to VDD or GND.
5:
VDD = 3.3V for TC74X -3.3VCT. VDD = 5.0V for TC74X -5.0VCT. All part types of the TC74 will operate properly over the wider power
supply range of 2.7V to 5.5V. Each part type is tested and specified for rated accuracy at its nominal supply voltage. As VDD varies from
the nominal value, accuracy will degrade 1°C/V of VDD change.


Similar Part No. - TC74A4-50VAT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC74A4-5.0VAT MICROCHIP-TC74A4-5.0VAT Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A4-5.0VCT MICROCHIP-TC74A4-5.0VCT Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
TC74A4-5.0VCT MICROCHIP-TC74A4-5.0VCT Datasheet
325Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
TC74A4-5.0VCTTR MICROCHIP-TC74A4-5.0VCTTR Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
More results

Similar Description - TC74A4-50VAT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC74 MICROCHIP-TC74_13 Datasheet
258Kb / 18P
   Tiny Serial Digital Thermal Sensor
11/29/12 2001-2012
21462C MICROCHIP-21462C Datasheet
325Kb / 16P
   Tiny Serial Digital Thermal Sensor
2002
logo
ON Semiconductor
MC74 ONSEMI-MC74 Datasheet
122Kb / 12P
   Serial Digital Temperature Sensor
February, 2000 ??Rev. 0
logo
STMicroelectronics
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
   Digital temperature sensor and thermal watchdog
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
   Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
   Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
logo
STMicroelectronics
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
   Digital temperature sensor and thermal watchdog
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
   Digital temperature sensor and thermal watchdog
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
   Digital temperature sensor and thermal watchdog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com