Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEM001 Datasheet(PDF) 7 Page - Pasternack Enterprises, Inc.

Part # PEM001
Description  60 GHz Transmitter Tx Waveguide Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM001 Datasheet(HTML) 7 Page - Pasternack Enterprises, Inc.

Back Button PEM001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 9Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 10Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 11Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
TECHNICAL DATA SHEET
PEM001
60 GHz Transmitter (Tx) Waveguide Module
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Transmitter (Tx) Waveguide Module PEM001
PEM001 REV
Transmitter Architecture
The PEM001 transmitter uses a double conversion superheterodyne architecture with a sliding IF. The IF frequency is at 1/7
the RF carrier frequency, and the VCO is at 2/7 the RF carrier frequency. The LO is 3x the VCO frequency. The LO and IF are
generated from a built-in synthesizer that has a step size at the RF carrier frequency of either 500 MHz or 540 MHz depending
upon which reference clock frequency is used. The 540 MHz step size uses a 308.571 MHz reference, and the 500 MHz step
uses a 285.714 MHz frequency. The IEEE channels for 802.11ad and 802.11aj are supported when the 540 MHz step size is
used. I and Q analog baseband signals are upconverted to the IF frequency at the input mixers. The IF signal is filtered with
a variable gain amplifier and filter with approximately 20 dB range, which is then mixed with the LO. A notch filter attenuates
the image frequency. The output of the mixer is fed to the PA stage which is coupled to the low-loss waveguide transition.
There are optional FSK/MSK baseband data inputs for non-coherent modulation applications. The overall phase noise and
I/Q balance specifications are sufficient for up to 16 QAM operation. Configuration and settings are controlled through a digital
serial interface port. The block diagram below shows the various stages and circuits in the module.
BB_IP
PA
Var IF
Filter
IF VGA
x3
2
0
90
Div
BB_IM
BB_QP
BB_QM
FMP_Q
FMM_Q
FMP_I
FMM_I
REFCLKP
REFCLKM
Serial Control Registers
+1.5
+2.7
+4
WR-15 Waveguide
UG-385/U Flange
Synthesizer
57.0 to 64.8 GHz 0.5 or 0.54 GHz step
Figure 3 PEM001 Block Diagram


Similar Part No. - PEM001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEM001-MIM PASTERNACK-PEM001-MIM Datasheet
359Kb / 18P
   60 GHz Transmitter (Tx) Waveguide Module
More results

Similar Description - PEM001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEM001-MIM PASTERNACK-PEM001-MIM Datasheet
359Kb / 18P
   60 GHz Transmitter (Tx) Waveguide Module
PEM010 PASTERNACK-PEM010 Datasheet
1Mb / 18P
   60 GHz Transmitter (Tx) Waveguide Module
PEM002-MIM PASTERNACK-PEM002-MIM Datasheet
306Kb / 18P
   60 GHz Receiver (Rx) Waveguide Module
PEM002 PASTERNACK-PEM002 Datasheet
377Kb / 18P
   60 GHz Receiver Rx Waveguide Module
PE-W19TR1001 PASTERNACK-PE-W19TR1001 Datasheet
407Kb / 3P
   2 Watts Instrumentation Grade WR-19 Waveguide Load 40 GHz to 60 GHz
PE6836 PASTERNACK-PE6836 Datasheet
353Kb / 2P
   60 Watts Medium Power WR-62 Waveguide Load 12.4 GHz to 18 GHz
PE-W12TR1001 PASTERNACK-PE-W12TR1001 Datasheet
407Kb / 3P
   0.6 Watts Instrumentation Grade WR-12 Waveguide Load 60 GHz to 90 GHz
PEWIR1001 PASTERNACK-PEWIR1001 Datasheet
598Kb / 5P
   WR-12 Waveguide Isolator from 60 GHz to 90 GHz, 25 dB min Isolation
logo
API Technologies Corp
CMWD140 APITECH-CMWD140 Datasheet
114Kb / 1P
   39 GHz Waveguide Diplexer
CMWD156 APITECH-CMWD156 Datasheet
113Kb / 1P
   25 GHz Waveguide Diplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com