Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEM001 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PEM001
Description  60 GHz Transmitter Tx Waveguide Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM001 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PEM001 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM001 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
TECHNICAL DATA SHEET
PEM001
60 GHz Transmitter (Tx) Waveguide Module
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Transmitter (Tx) Waveguide Module PEM001
PEM001 REV
Samtec ST4-20
Mating Connector:
Samtec SS4-20-3.00-L-D-K-TR
BB_QM
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
BB_QP
BB_IM
BB_IP
FMM_Q
FMP_Q
FMM_I
FMP_I
REFCLKM
REFCLKP
Q1_B_C
Q1_E
RESET
ENABLE
CLK
DATA
SCANOUT
VDD
VCC_PA
VCC_PA
VDD
VCC
4V
4V
2.7V
2.7V
2.7V
2.7V
2.7V
2.7V
2.7V
1.5V
2.7V
1.5V
VCC
VCC
VCC
VCC
VCC
VCC
VCC
Figure 2 PEM001 Interface Connector Pinout
PEM001


Similar Part No. - PEM001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEM001-MIM PASTERNACK-PEM001-MIM Datasheet
359Kb / 18P
   60 GHz Transmitter (Tx) Waveguide Module
More results

Similar Description - PEM001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEM001-MIM PASTERNACK-PEM001-MIM Datasheet
359Kb / 18P
   60 GHz Transmitter (Tx) Waveguide Module
PEM010 PASTERNACK-PEM010 Datasheet
1Mb / 18P
   60 GHz Transmitter (Tx) Waveguide Module
PEM002-MIM PASTERNACK-PEM002-MIM Datasheet
306Kb / 18P
   60 GHz Receiver (Rx) Waveguide Module
PEM002 PASTERNACK-PEM002 Datasheet
377Kb / 18P
   60 GHz Receiver Rx Waveguide Module
PE-W19TR1001 PASTERNACK-PE-W19TR1001 Datasheet
407Kb / 3P
   2 Watts Instrumentation Grade WR-19 Waveguide Load 40 GHz to 60 GHz
PE6836 PASTERNACK-PE6836 Datasheet
353Kb / 2P
   60 Watts Medium Power WR-62 Waveguide Load 12.4 GHz to 18 GHz
PE-W12TR1001 PASTERNACK-PE-W12TR1001 Datasheet
407Kb / 3P
   0.6 Watts Instrumentation Grade WR-12 Waveguide Load 60 GHz to 90 GHz
PEWIR1001 PASTERNACK-PEWIR1001 Datasheet
598Kb / 5P
   WR-12 Waveguide Isolator from 60 GHz to 90 GHz, 25 dB min Isolation
logo
API Technologies Corp
CMWD140 APITECH-CMWD140 Datasheet
114Kb / 1P
   39 GHz Waveguide Diplexer
CMWD156 APITECH-CMWD156 Datasheet
113Kb / 1P
   25 GHz Waveguide Diplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com