Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT108-1_431 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SOT108-1_431
Description  SO14 Reel sulfur barrier pack, SMD, 13 Q1/T1 standard product orientation Orderable part number ending ,431 or Z Ordering code (12NC) ending 431
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SOT108-1_431 Datasheet(HTML) 3 Page - NXP Semiconductors

  SOT108-1_431 Datasheet HTML 1Page - NXP Semiconductors SOT108-1_431 Datasheet HTML 2Page - NXP Semiconductors SOT108-1_431 Datasheet HTML 3Page - NXP Semiconductors SOT108-1_431 Datasheet HTML 4Page - NXP Semiconductors SOT108-1_431 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SOT108-1_431
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Packing information
Rev. 1 — 19 August 2015
3 of 5
NXP Semiconductors
SOT108-1
SO14; Reel sulfur barrier pack, SMD, 13"
Q1/T1 standard product orientation
Orderable part number ending ,431 or Z
Ordering code (12NC) ending 431
4.
Reel dimensions
Fig 4.
Schematic view of reel
Table 3.
Reel dimensions
In accordance with IEC 60286-3.
A [nom]
(mm)
W2 [max]
(mm)
B [min]
(mm)
C [min]
(mm)
D [min]
(mm)
330
22.4
1.5
12.8
20.2
detail Z
B
001aao149
W2
Ø C
Ø D
A
Z


Similar Part No. - SOT108-1_431

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT108-1_118 PHILIPS-SOT108-1_118 Datasheet
213Kb / 4P
   SO14 Reel pack; SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-8 April 2013
More results

Similar Description - SOT108-1_431

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SOT96-1_431 PHILIPS-SOT96-1_431 Datasheet
213Kb / 5P
   SO8 Reel sulfur barrier pack, SMD, 13 Q1/T1 standard product orientation Orderable part number ending ,431 or Z Ordering code (12NC) ending 431
Rev. 1-19 August 2015
SOT108-1_118 PHILIPS-SOT108-1_118 Datasheet
213Kb / 4P
   SO14 Reel pack; SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-8 April 2013
SOT505-1_118 PHILIPS-SOT505-1_118 Datasheet
219Kb / 4P
   TSSOP8 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 1-15 April 2013
SOT96-1_518 PHILIPS-SOT96-1_518 Datasheet
133Kb / 4P
   SO8 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending, 518 or Y Ordering code (12NC) ending 518
Rev. 1-2 June 2014
SOT908-1_118 PHILIPS-SOT908-1_118 Datasheet
276Kb / 4P
   HVSON8 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 2-19 April 2013
SOT616-1_128 PHILIPS-SOT616-1_128 Datasheet
191Kb / 4P
   HVQFN24 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,128or J Ordering code (12NC) ending 128
Rev. 1-16 July 2014
SOT361-1_118 PHILIPS-SOT361-1_118 Datasheet
232Kb / 4P
   TSSOP28 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 3-16 April 2013
SOT355-1_118 PHILIPS-SOT355-1_118 Datasheet
232Kb / 4P
   TSSOP24 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-15 April 2013
SOT360-1_118 PHILIPS-SOT360-1_118 Datasheet
230Kb / 4P
   TSSOP20 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-15 April 2013
SOT137-1_118 PHILIPS-SOT137-1_118 Datasheet
240Kb / 4P
   SO24 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
Rev. 4-12 April 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com