Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM27402 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM27402
Description  LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27402 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM27402_15 Datasheet HTML 5Page - Texas Instruments LM27402_15 Datasheet HTML 6Page - Texas Instruments LM27402_15 Datasheet HTML 7Page - Texas Instruments LM27402_15 Datasheet HTML 8Page - Texas Instruments LM27402_15 Datasheet HTML 9Page - Texas Instruments LM27402_15 Datasheet HTML 10Page - Texas Instruments LM27402_15 Datasheet HTML 11Page - Texas Instruments LM27402_15 Datasheet HTML 12Page - Texas Instruments LM27402_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
LM27402
www.ti.com
SNVS615J – JANUARY 2010 – REVISED JULY 2015
Typical Performance Characteristics (continued)
Unless otherwise stated, all data sheet curves were recorded using Example Circuit 1. VIN = 12 V.
Figure 7. Frequency vs Temperature (RFADJ = 20 kΩ)
Figure 8. Frequency vs RFADJ
Figure 9. CS– Current Source vs Temperature
Figure 10. Deadtime vs Temperature
Horizontal Scale: 100 µs/DIV
Figure 11. CS– Current Source Compliance Voltage
Figure 12. Load Transient
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM27402


Similar Part No. - LM27402_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27402 NSC-LM27402_1 Datasheet
167Kb / 4P
   Current Limit Application Circuits Application Circuits
More results

Similar Description - LM27402_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Linear Technology
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3866 LINER-LTC3866_15 Datasheet
527Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
logo
Analog Devices
LTC7878 AD-LTC7878 Datasheet
1Mb / 28P
   70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
Rev. 0
logo
Linear Technology
LTC3774 LINER-LTC3774_15 Datasheet
408Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3774 LINER-LTC3774 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com