Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM27213 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM27213
Description  LM27213 Single Phase Hysteretic Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27213 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM27213_15 Datasheet HTML 6Page - Texas Instruments LM27213_15 Datasheet HTML 7Page - Texas Instruments LM27213_15 Datasheet HTML 8Page - Texas Instruments LM27213_15 Datasheet HTML 9Page - Texas Instruments LM27213_15 Datasheet HTML 10Page - Texas Instruments LM27213_15 Datasheet HTML 11Page - Texas Instruments LM27213_15 Datasheet HTML 12Page - Texas Instruments LM27213_15 Datasheet HTML 13Page - Texas Instruments LM27213_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LM27213
SNVS377A – FEBRUARY 2006 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Turn-On Waveforms
Transient Response
Ch1: VOUT
3.5A to 12A load step
Ch3: VRON, VIN = 13V, IOUT = 0
Cursor lines are spec limits
Ch1: VOUT
Ch4: IOUT, 8A/div
Figure 3.
Figure 4.
Turn-Off Waveforms
VID Change, VID 5 from 1 to 0
Ch1: VOUT
Ch1: VOUT
Ch 3: VRON
Ch 3: VID5
Ch 4: PGOOD
Ch 4: PGOOD
Figure 5.
Figure 6.
Start-Up, VBOOT to VID Transition
VID Change, VID 5 from 0 to 1
Ch1: VOUT
Ch1: VOUT
Ch2: VID5
Ch2: CLK_EN#
Ch 3: PGOOD
Ch 3: XPOK
Ch 4: PGOOD
Figure 7.
Figure 8.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM27213


Similar Part No. - LM27213_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27213MTD NSC-LM27213MTD Datasheet
958Kb / 22P
   Single Phase Hysteretic Buck Controller
LM27213MTDX NSC-LM27213MTDX Datasheet
958Kb / 22P
   Single Phase Hysteretic Buck Controller
LM27213SQ NSC-LM27213SQ Datasheet
958Kb / 22P
   Single Phase Hysteretic Buck Controller
LM27213SQX NSC-LM27213SQX Datasheet
958Kb / 22P
   Single Phase Hysteretic Buck Controller
More results

Similar Description - LM27213_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27213 NSC-LM27213 Datasheet
958Kb / 22P
   Single Phase Hysteretic Buck Controller
LM27212 NSC-LM27212 Datasheet
1Mb / 23P
   Two-Phase Current-Mode Hysteretic Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com