Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC820 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC820
Description  3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC820 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC820 Datasheet HTML 5Page - Microchip Technology TC820 Datasheet HTML 6Page - Microchip Technology TC820 Datasheet HTML 7Page - Microchip Technology TC820 Datasheet HTML 8Page - Microchip Technology TC820 Datasheet HTML 9Page - Microchip Technology TC820 Datasheet HTML 10Page - Microchip Technology TC820 Datasheet HTML 11Page - Microchip Technology TC820 Datasheet HTML 12Page - Microchip Technology TC820 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2002 Microchip Technology Inc.
DS21476B-page 9
TC820
In a simple dual slope converter, a complete conver-
sion requires the integrator output to "ramp-up" from
zero and "ramp-down" back to zero. A simple mathe-
matical equation relates the input signal, reference volt-
age, and integration time.
EQUATION 3-1:
For a constant VINT:
EQUATION 3-2:
FIGURE 3-1:
BASIC DUAL SLOPE
CONVERTER
Accuracy in a dual slope converter is unrelated to the
integrating resistor and capacitor values as long as
they are stable during a measurement cycle. An inher-
ent benefit of the dual slope technique is noise immu-
nity. Noise spikes are integrated or averaged to zero
during the integration periods, making integrating
ADCs immune to the large conversion errors that
plague successive approximation converters in high
noise environments. Interfering signals, with frequency
components at multiples of the averaging (integrating)
period, will be attenuated (Figure 3-2). Integrating
ADCs commonly operate with the signal integration
period set to a multiple of the 50/60Hz power line
period.
FIGURE 3-2:
NORMAL MODE
REJECTION OF DUAL
SLOPE CONVERTER
3.2
Analog Section
In addition to the basic integrate and de-integrate dual
slope phases discussed above, the TC820 design
incorporates a "zero integrator output" phase and an
"auto-zero" phase. These additional phases ensure
that the integrator starts at 0V (even after a severe over
range conversion), and that all offset voltage errors
(buffer amplifier, integrator and
comparator) are
removed from the conversion. A true digital zero read-
ing is assured without any external adjustments.
A complete conversion consists of four distinct phases:
1.
Zero Integrator Output
2.
Auto-Zero
3.
Signal Integrate
4.
Reference De-integrate
3.2.1
ZERO INTEGRATOR OUTPUT
PHASE
This phase guarantees that the integrator output is at
0V before the system zero phase is entered, ensuring
that the true system offset voltages will be compen-
sated for even after an over range conversion. The
duration of this phase is 500 counts plus the unused
de-integrate counts.
3.2.2
AUTO-ZERO PHASE
During the auto-zero phase, the differential input signal
is disconnected from the measurement circuit by open-
ing internal analog switches, and the internal nodes are
shortedtoAnalogCommon(0VREF) toestablishazero
input condition. Additional analog switches close a
feedback loop around the integrator and comparator to
permit comparator offset voltage error compensation. A
voltage established on CAZ then compensates for inter-
nal device offset voltages during the measurement
cycle. The auto-zero phase residual is typically 10
µVto
15
µV. The auto-zero duration is 1500 counts.
1
RINTCINT
tINT
0
VIN(t)dt =
VREFtDEINT
RINTCINT
Where: VREF = Reference Voltage
tINT
= Integration Time
tDEINT = De-integration Time
VIN =VREF
tDEINT
tINT
REF
Voltage
Analog
Input Signal
Display
Switch
Driver
Control
Logioc
Clock
Counter
Polarity Control
Phase
Control
VIN = VREF
VIN = 1.2VREF
Variable Reference
Integrate Time
Fixed Signal
Integrate Time
Integrator
C
Comparator
R
30
20
10
0
0.1/T
1/T
10/T
Input Frequency
T = Measurement
Period


Similar Part No. - TC820

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC820 TELCOM-TC820 Datasheet
275Kb / 22P
   3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
TC820CKW TELCOM-TC820CKW Datasheet
275Kb / 22P
   3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
TC820CLW TELCOM-TC820CLW Datasheet
275Kb / 22P
   3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
TC820CPL TELCOM-TC820CPL Datasheet
275Kb / 22P
   3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
More results

Similar Description - TC820

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC820 TELCOM-TC820 Datasheet
275Kb / 22P
   3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
logo
Cyrustek corporation
ES5120 CYRUSTEK-ES5120 Datasheet
811Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
ESS Technology,Inc
ES5120 ESS-ES5120 Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
Motorola, Inc
MC14553B MOTOROLA-MC14553B Datasheet
231Kb / 8P
   3-Digit BCD Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B Datasheet
178Kb / 12P
   3-Digit BCD Counter
March, 2000 ??Rev. 3
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Cyrustek corporation
ES51999 CYRUSTEK-ES51999 Datasheet
435Kb / 21P
   4 3/4 and 5 3/4 A/D AUTO
logo
NTE Electronics
NTE2054 NTE-NTE2054 Datasheet
23Kb / 3P
   Integrated Circuit A/D Converter for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com