Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5116WG Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5116WG
Description  Wide Range Synchronous Buck Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5116WG Datasheet(HTML) 4 Page - Texas Instruments

  LM5116WG_15 Datasheet HTML 1Page - Texas Instruments LM5116WG_15 Datasheet HTML 2Page - Texas Instruments LM5116WG_15 Datasheet HTML 3Page - Texas Instruments LM5116WG_15 Datasheet HTML 4Page - Texas Instruments LM5116WG_15 Datasheet HTML 5Page - Texas Instruments LM5116WG_15 Datasheet HTML 6Page - Texas Instruments LM5116WG_15 Datasheet HTML 7Page - Texas Instruments LM5116WG_15 Datasheet HTML 8Page - Texas Instruments LM5116WG_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
LM5116WG
SNVS599D – OCTOBER 2008 – REVISED FEBRUARY 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
VIN to GND
-0.3V to 100V
VCC, VCCX, UVLO to GND (3)
-0.3 to 16V
SW, CS to GND
-3.0 to 100V
HB to SW
-0.3 to 16V
HO to SW
-0.3 to HB+0.3V
VOUT to GND
-0.3 to 100V
CSG to GND
-1V to 1V
LO to GND
-0.3 to VCC+0.3V
SS to GND
-0.3 to 7V
FB to GND
-0.3 to 7V
DEMB to GND
-0.3 to VCC
RT to GND
-0.3 to 7V
EN to GND
-0.3 to 100V
ESD Rating
HBM (4)
2 kV
Storage Temperature Range
-55°C to +150°C
Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
These pins must not exceed VIN.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. LO, HO and HB are rated at 1 kV. 2
kV rating for all pins except VIN which is rated for 1.5 kV.
Operating Ratings
(1) (2)
VIN
6V to 100V
VCC, VCCX
4.75V to 15V
HB to SW
4.75V to 15V
DEMB to GND
-0.3V to 2V
Junction Temperature
-40°C to +125°C
(1)
Operating Ratings are conditions under which operation of the device is intended to be functional. Operating Ratings do not imply
guaranteed performance limits.
(2)
Note: RAMP, COMP are output pins. As such they are not specified to have an external voltage applied.
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature range of -40°C to
+125°C and are provided for reference only. Unless otherwise specified, the following conditions apply: VIN = 48V, VCC =
7.4V, VCCX = 0V, EN = 5V, RT = 16 kΩ, no load on LO and HO.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN Supply
IBIAS
VIN Operating Current
VCCX = 0V, VIN = 48V
5
7
mA
VCCX = 0V, VIN = 100V
5.9
8
mA
IBIASX
VIN Operating Current
VCCX = 5V, VIN = 48V
1.2
1.7
mA
VCCX = 5V, VIN = 100V
1.6
2.3
mA
ISTDBY
VIN Shutdown Current
EN = 0V, VIN = 48V
1
10
µA
EN = 0V, VIN = 100V
1
µA
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM5116WG


Similar Part No. - LM5116WG_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5116WG NSC-LM5116WG Datasheet
1Mb / 26P
   Wide Range Synchronous Buck Controller
More results

Similar Description - LM5116WG_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
LM25116 TI1-LM25116_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1483C HMSEMI-HM1483C Datasheet
607Kb / 9P
   Wide Range Synchronous Buck Controller
logo
Lowpower Semiconductor ...
LP6496 POWER-LP6496 Datasheet
424Kb / 6P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116 TI-LM25116 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI1-LM5116-HT Datasheet
636Kb / 34P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
logo
SHOUDING Shouding Semic...
SDA2717E SHOUDING-SDA2717E Datasheet
801Kb / 10P
   Wide Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1483B HMSEMI-HM1483B Datasheet
772Kb / 9P
   Wide Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com