Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5085-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5085-Q1
Description  75V Constant On-Time PFET Buck Switching Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5085-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5085-Q1 Datasheet HTML 2Page - Texas Instruments LM5085-Q1 Datasheet HTML 3Page - Texas Instruments LM5085-Q1 Datasheet HTML 4Page - Texas Instruments LM5085-Q1 Datasheet HTML 5Page - Texas Instruments LM5085-Q1 Datasheet HTML 6Page - Texas Instruments LM5085-Q1 Datasheet HTML 7Page - Texas Instruments LM5085-Q1 Datasheet HTML 8Page - Texas Instruments LM5085-Q1 Datasheet HTML 9Page - Texas Instruments LM5085-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
LM5085, LM5085-Q1
SNVS565I – NOVEMBER 2008 – REVISED AUGUST 2015
www.ti.com
6.7 Typical Characteristics
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 48V.
Figure 1. Efficiency (Circuit of Figure 25)
Figure 2. Input Operating Current vs. VIN
Figure 3. Shutdown Current vs. VIN
Figure 4. VCC vs. VIN
Figure 5. VCC vs. ICC
Figure 6. On-Time vs. RT and VIN
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM5085 LM5085-Q1


Similar Part No. - LM5085-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085MM TI1-LM5085MM Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085MME TI1-LM5085MME Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085MMX TI1-LM5085MMX Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
More results

Similar Description - LM5085-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
LM25085MME TI1-LM25085MME Datasheet
1Mb / 30P
[Old version datasheet]   LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
Microchip Technology
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
   75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
logo
Texas Instruments
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com